Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2436 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM2436
Description  Monolithic Triple 7.5 ns CRT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2436 Fiches technique(HTML) 4 Page - Texas Instruments

  LM2436 Datasheet HTML 1Page - Texas Instruments LM2436 Datasheet HTML 2Page - Texas Instruments LM2436 Datasheet HTML 3Page - Texas Instruments LM2436 Datasheet HTML 4Page - Texas Instruments LM2436 Datasheet HTML 5Page - Texas Instruments LM2436 Datasheet HTML 6Page - Texas Instruments LM2436 Datasheet HTML 7Page - Texas Instruments LM2436 Datasheet HTML 8Page - Texas Instruments LM2436 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
OBSOLETE
LM2436
SNOSA13B – JUNE 2002 – REVISED APRIL 2013
www.ti.com
AC TEST CIRCUIT
8 pF load includes parasitic capacitance.
Figure 2. Test Circuit (One Channel)
Figure 2 shows a typical test circuit for evaluation of the LM2436. This circuit is designed to allow testing of the
LM2436 in a 50
Ω environment without the use of an expensive FET probe. The two 2490Ω resistors form a
200:1 divider with the 50
Ω resistor and the oscilloscope. A test point is included for easy use of an oscilloscope
probe.The compensation capacitor is used to compensate the stray capacitance of the two 2490
Ω resistors to
achieve flat frequency response.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2436


Numéro de pièce similaire - LM2436

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2436 NSC-LM2436 Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
LM2436TA NSC-LM2436TA Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
More results

Description similaire - LM2436

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2407 NSC-LM2407 Datasheet
361Kb / 9P
   Monolithic Triple 7.5 nS CRT Driver
LM2437 NSC-LM2437 Datasheet
529Kb / 10P
   Monolithic Triple 7.5 ns CRT Driver
LM2467 NSC-LM2467 Datasheet
449Kb / 12P
   Monolithic Triple 7.5 ns CRT Driver
logo
Texas Instruments
LM2466 TI1-LM2466 Datasheet
1Mb / 14P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2436 NSC-LM2436 Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
LM2466 NSC-LM2466 Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
logo
Texas Instruments
LM2407 TI1-LM2407 Datasheet
1Mb / 13P
[Old version datasheet]   Monolithic Triple 7.5 nS CRT Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com