Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB44104A Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FSB44104A
Description  Motion SPMR 45 LV Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB44104A Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FSB44104A Datasheet HTML 1Page - Fairchild Semiconductor FSB44104A Datasheet HTML 2Page - Fairchild Semiconductor FSB44104A Datasheet HTML 3Page - Fairchild Semiconductor FSB44104A Datasheet HTML 4Page - Fairchild Semiconductor FSB44104A Datasheet HTML 5Page - Fairchild Semiconductor FSB44104A Datasheet HTML 6Page - Fairchild Semiconductor FSB44104A Datasheet HTML 7Page - Fairchild Semiconductor FSB44104A Datasheet HTML 8Page - Fairchild Semiconductor FSB44104A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSB44104A Rev. C0
December 2013
FSB44104A
Motion SPM® 45 LV Series
Features
• UL Certified No.E209204 (UL1557)
•40 V, RDS(ON) = 4.1 mMax.) 3-Phase MOSFET
Inverter Module with Gate Drivers and Protection
• Low Thermal Resistance Using Ceramic Substrate
• Three Separate Open-Emitter Pins from Low-Side
MOSFETs for Three-Leg Current Sensing.
• Single-Grounded Power Supply for Built-in HVIC.
• Isolation Rating: 800 Vrms / min.
Applications
• Motion Control - Home Appliance / Industrial Motor.
General Description
FSB44104A is a Motion SPM® 45 LV module that
Fairchild developed based on low-loss PowerTrench®
MOSFET technology as a compact motor drive inverter
solution for small power applications supplied by low
voltage battery.
Figure 1. Packing Overview
Package Marking and Ordering Information
Device
Device Marking
Package
Packing Type
Quantity
FSB44104A
FSB44104A
SPMAA-A22
Rail
14


Numéro de pièce similaire - FSB44104A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSB44104A ONSEMI-FSB44104A Datasheet
681Kb / 14P
   Motion SPM 45 LV Series
December 2013 Rev. C0
More results

Description similaire - FSB44104A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB43004A FAIRCHILD-FSB43004A Datasheet
860Kb / 12P
   Motion SPMR 45 LV Series
FNC42060F FAIRCHILD-FNC42060F Datasheet
919Kb / 16P
   Motion SPMR 45 Series
FNB40560 FAIRCHILD-FNB40560_15 Datasheet
992Kb / 16P
   Motion SPMR 45 Series
FNB43060T2 FAIRCHILD-FNB43060T2 Datasheet
1Mb / 15P
   Motion SPMR 45 Series
logo
ON Semiconductor
FSB44104A ONSEMI-FSB44104A Datasheet
681Kb / 14P
   Motion SPM 45 LV Series
December 2013 Rev. C0
FSB43004A ONSEMI-FSB43004A Datasheet
818Kb / 14P
   Motion SPM 45 LV Series
May 2015 Rev. 1.1
logo
Fairchild Semiconductor
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com