Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA21201-B7 Fiches technique(PDF) 6 Page - Infineon Technologies AG

No de pièce TDA21201-B7
Description  Integrated Switch(MOSFET Driver and MOSFETs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21201-B7 Fiches technique(HTML) 6 Page - Infineon Technologies AG

Back Button TDA21201-B7 Datasheet HTML 2Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 3Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 4Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 5Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 6Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 7Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 8Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 9Page - Infineon Technologies AG TDA21201-B7 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Preliminary Data Sheet
TDA21201
Page 6
Apr-29, 2002
Integrated Switch functionality vs. supply voltage Vcc
The Integrated Switch reaches gradually its full functionality while the supply
voltage Vcc increases from 0 to its nominal value +12 V, e.g. during turn-on.
The same happens vice versa when the supply voltage decreases from its
nominal value +12 V to 0, e.g. during turn-off. The TDA21201 is very
insensitive to Vcc tolerances. It behaves properly in a wide Vcc range from 9
to 15 V. There is no distinct VCC threshold at which the Integrated Switch’s
functionality or state changes abrupt while VCC increases or decreases. E.g.,
there is no tight specified Under Voltage Lockout level. The TDA21201
changes smoothly its state, e.g., as the High Side and Low Side MOSFETs´
gate drive voltage increases while VCC increases from 7.5 V to 9 V the Rds[on]
of both the High Side MOSFET and the Low Side MOSFET decreases
gradually, rather than being fully Off at VCC slightly below a threshold level or
12 V
PWM 1
PWM 2
PWM N
PWM
IC
TDA
21201
TDA
21201
L
1
LN
C
1...2 V
VCC
IN
OUT
GND
I
I
I
I
I
6 V
7.5 V
9 V
12 V
15 V
Vcc
Integrated Switch OFF
Low Side
FET can
turn ON
High Side
FET can
turn ON
Integrated Switch fully
functional
Integrated
Switch
function


Numéro de pièce similaire - TDA21201-B7

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
TDA21231 INFINEON-TDA21231 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results

Description similaire - TDA21201-B7

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com