Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBB15CH60D Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FSBB15CH60D
Description  Motion SPMR 3 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB15CH60D Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FSBB15CH60D Datasheet HTML 5Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 6Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 7Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 8Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 9Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 10Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 11Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 12Page - Fairchild Semiconductor FSBB15CH60D Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2015 Fairchild Semiconductor Corporation
9
www.fairchildsemi.com
FSBB15CH60D Rev. 1.0
Recommended Operating Conditions
Note:
9. This product might not make response if input pulse width is less than the recommanded value.
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P - NU, NV, NW
-
300
400
V
VCC
Control Supply Voltage
Applied between VCC(UH, VH, WH) - COM, VCC(L) -
COM
14.0
15
16.5
V
VBS
High-Side Bias Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) -
VS(W)
13.0
15
18.5
V
dVCC / dt,
dVBS / dt
Control Supply
Variation
- 1
-
1
V /
s
tdead
Blanking Time for
Preventing Arm - Short
For Each Input Signal
2.0
-
-
s
fPWM
PWM Input Signal
-40
C T
C 125°C, -40C TJ 150°C
-
-
20
kHz
VSEN
Voltage for Current
Sensing
Applied between NU, NV, NW - COM
(Including Surge Voltage)
- 4
4
V
TJ
Junction Temperature
- 40
-
150
C


Numéro de pièce similaire - FSBB15CH60D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FSBB15CH60D ONSEMI-FSBB15CH60D Datasheet
757Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
More results

Description similaire - FSBB15CH60D

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
FSBB20CH60D FAIRCHILD-FSBB20CH60D Datasheet
718Kb / 15P
   Motion SPMR 3 Series
FSBB30CH60CT FAIRCHILD-FSBB30CH60CT Datasheet
664Kb / 15P
   Motion SPMR 3 Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com