Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA21302 Fiches technique(PDF) 10 Page - Infineon Technologies AG

No de pièce TDA21302
Description  Multi-Phase PWM Controller for CPU Core Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21302 Fiches technique(HTML) 10 Page - Infineon Technologies AG

Back Button TDA21302 Datasheet HTML 6Page - Infineon Technologies AG TDA21302 Datasheet HTML 7Page - Infineon Technologies AG TDA21302 Datasheet HTML 8Page - Infineon Technologies AG TDA21302 Datasheet HTML 9Page - Infineon Technologies AG TDA21302 Datasheet HTML 10Page - Infineon Technologies AG TDA21302 Datasheet HTML 11Page - Infineon Technologies AG TDA21302 Datasheet HTML 12Page - Infineon Technologies AG TDA21302 Datasheet HTML 13Page - Infineon Technologies AG TDA21302 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CoreControl TM
Page 10 of 25
DS-CoreControl-TDA21302
At Vcc=5V, Tj = 25 °C, unless otherwise specified
Protection
SS Current
Iss
Vss = 1V
8
13
18
uA
Over Voltage Trip
( VSENSE / DACOUT )
∆VOVT
130
140
150
%
OVP Voltage
VOVP
IOVP = 10mA
2,2
3,28
4,0
V
Power Good
Power Good Rising
Threshold
( VSENSE / DACOUT )
VPG
VSENSE Rising
92
%
Power Good Low
Voltage
VPGL
IPG = 4mA
0,2
V
Operating Conditions
At Tj = 25 °C, unless otherwise specified
Values
Parameter
Symbol
Conditions
Min. Typ. Max. Unit
Voltage supplied to
‘VCC’ pins
VVCC
4,5
5,0
5,5
V
Ambient temperature
TA
0
70
°C
Junction temperature
TJ
0
125
°C


Numéro de pièce similaire - TDA21302

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA21310 INFINEON-TDA21310 Datasheet
699Kb / 23P
   Desktop and Server buck-converter
Revision 2.1, 2013-09-05
TDA21320 INFINEON-TDA21320 Datasheet
1Mb / 36P
   Desktop and Server Vcore and non-Vcore buck-converter
TDA21321 INFINEON-TDA21321 Datasheet
1Mb / 32P
   Desktop and Server Vcore and non-Vcore buck-converter
More results

Description similaire - TDA21302

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com