Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM15KPA100AN Fiches technique(PDF) 1 Page - Protek Devices

No de pièce SM15KPA100AN
Description  15kW SURFACE MOUNT POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA100AN Fiches technique(HTML) 1 Page - Protek Devices

  SM15KPA100AN Datasheet HTML 1Page - Protek Devices SM15KPA100AN Datasheet HTML 2Page - Protek Devices SM15KPA100AN Datasheet HTML 3Page - Protek Devices SM15KPA100AN Datasheet HTML 4Page - Protek Devices SM15KPA100AN Datasheet HTML 5Page - Protek Devices SM15KPA100AN Datasheet HTML 6Page - Protek Devices SM15KPA100AN Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05417.R7 3/16
Page 1
SM15KPA17AN - SM15KPA480CAN
15kW SURFACE MOUNT POWER TVS COMPONENT
DESCRIPTION
The SM15KPAN Series are high-powered surface mount transient voltage suppression components designed to protect
equipment and systems from the damaging effects of high voltage spikes. The surface mount package configuration
provides a lower profile compared to legacy axial lead package configurations.
These devices provide 15,000 Watts of peak pulse power dissipation for an 10/1000µs waveform. Applications include
AC and DC power line protection, terrestrial base station protection as well as module lightning protection.
FEATURES
• RTCA DO-160G COMPLIANT PRODUCT
• Compatible with IEC 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-
Ground), L4(Line-Line) & L1 (Power)
• 15,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional and Bidirectional Configurations
• Easy Mounting to Printed Circuit Board
• Available in Multiple Voltages
• tClamping (0V to V
(BR)Min) < 100ps, Theoretical for Unidirectional and
5ns for Bidirectional
• RoHS Complaint (Exemption #7)
MECHANICAL CHARACTERISTICS
• Approximate Weight: 1.2 grams
• Lead-Free Silver Plating
• Solder Reflow Temperature: 240-250°C
• Flammability Rating UL 94V-0
• Marking: Logo and Marking Code
APPLICATIONS
• Relay Drives
• Motor (Start/Stop) Back EMF Protection
• Module Lightning Protection
• Secondary Lightning Protection for AC/DC
CIRCUIT DIAGRAMS
Unidirectional
Bidirectional
SURFACE MOUNT
RTCA DO-160G COMPLIANT PRODUCT


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn