Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM15KPA100AN Datasheet(Fiches technique) 5 Page - Protek Devices

Numéro de pièce SM15KPA100AN
Description  15kW SURFACE MOUNT POWER TVS COMPONENT
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA100AN Datasheet(HTML) 5 Page - Protek Devices

  SM15KPA100AN Datenblatt HTML 1Page - Protek Devices SM15KPA100AN Datenblatt HTML 2Page - Protek Devices SM15KPA100AN Datenblatt HTML 3Page - Protek Devices SM15KPA100AN Datenblatt HTML 4Page - Protek Devices SM15KPA100AN Datasheet HTML 5Page - Protek Devices SM15KPA100AN Datenblatt HTML 6Page - Protek Devices SM15KPA100AN Datenblatt HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05417.R7 3/16
Page 5
SM15KPA17AN - SM15KPA480CAN
SMD-15 PACKAGE INFORMATION
PACKAGE OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
5.15
5.50
0.197
0.217
B
8.10
8.25
0.319
0.325
C
1.40
1.55
0.055
0.061
D
2.45
2.65
0.096
0.104
E
10.25
11.05
0.405
0.435
G
0.70
0.80
0.026
0.034
J
5.08
5.59
0.200
0.220
K
11.75
12.62
0.463
0.497
M
0.42
0.58
0.017
0.023
N
3.15
3.45
0.124
0.136
A
C
D
E
N
G
K
M
TOP VIEW
SIDE VIEW
ANODE
CATHODE
RTCA DO-160G COMPLIANT PRODUCT


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn