Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM15KPA78CA Fiches technique(PDF) 5 Page - Protek Devices

No de pièce SM15KPA78CA
Description  15kW SURFACE MOUNT POWER TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA78CA Fiches technique(HTML) 5 Page - Protek Devices

  SM15KPA78CA Datasheet HTML 1Page - Protek Devices SM15KPA78CA Datasheet HTML 2Page - Protek Devices SM15KPA78CA Datasheet HTML 3Page - Protek Devices SM15KPA78CA Datasheet HTML 4Page - Protek Devices SM15KPA78CA Datasheet HTML 5Page - Protek Devices SM15KPA78CA Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05293.R6 12/15
Page 5
SM15KPA17A - SM15KPA220CA
SMD-15 PACKAGE INFORMATION
SOLDER PAD OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
8.35
8.45
0.329
0.333
C
5.35
5.45
0.211
0.215
E
6.85
6.95
0.270
0.274
H
2.75
2.85
0.108
0.112
J
5.35
5.45
0.211
0.215
L
2.75
2.85
0.108
0.112
N
2.45
2.55
0.096
0.100
P
3.25
3.35
0.128
0.132
R
3.55
3.65
0.140
0.144
Suggested Solder Pad
A
C
E
H
J
L
R
P
N
A
B C
D
E
F
J
H
G
Suggest Solder Print
SOLDER PRINT OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
5.75
5.85
0.226
0.23
B
4.15
4.25
0.163
0.167
C
4.95
5.05
0.195
0.199
D
1.55
1.65
0.061
0.065
E
4.15
4.25
0.163
0.167
F
1.55
1.65
0.061
0.065
G
2.65
2.75
0.104
0.108
H
4.05
4.15
0.159
0.163
J
4.05
4.15
0.159
0.163


Numéro de pièce similaire - SM15KPA78CA

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM15KPA78CA PROTEC-SM15KPA78CA Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results

Description similaire - SM15KPA78CA

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com