Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM15KPA20AN Datasheet(Fiches technique) 6 Page - Protek Devices

Numéro de pièce SM15KPA20AN
Description  15kW SURFACE MOUNT POWER TVS COMPONENT
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA20AN Datasheet(HTML) 6 Page - Protek Devices

  SM15KPA20AN Datenblatt HTML 1Page - Protek Devices SM15KPA20AN Datenblatt HTML 2Page - Protek Devices SM15KPA20AN Datenblatt HTML 3Page - Protek Devices SM15KPA20AN Datenblatt HTML 4Page - Protek Devices SM15KPA20AN Datenblatt HTML 5Page - Protek Devices SM15KPA20AN Datasheet HTML 6Page - Protek Devices SM15KPA20AN Datenblatt HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05417.R7 3/16
Page 6
SM15KPA17AN - SM15KPA480CAN
SMD-15 PACKAGE INFORMATION
SOLDER PAD OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
8.35
8.45
0.329
0.333
B
8.55
8.65
0.337
0.341
C
5.35
5.45
0.211
0.215
D
5.55
5.65
0.219
0.222
E
6.85
6.95
0.270
0.274
F
7.05
7.15
0.278
0.281
G
2.95
3.05
0.116
0.120
H
2.75
2.85
0.108
0.112
J
5.35
5.45
0.211
0.215
K
5.55
5.65
0.219
0.222
L
2.75
2.85
0.108
0.112
M
2.95
3.05
0.116
0.120
N
2.45
2.55
0.096
0.100
P
3.63
3.73
0.143
0.147
Q
3.95
4.05
0.156
0.159
R
3.55
3.65
0.140
0.144
T
4.06
4.19
0.160
0.165
SOLDER PRINT OUTLINE DIMENSIONS
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
5.75
5.85
0.226
0.23
B
4.15
4.25
0.163
0.167
C
4.95
5.05
0.195
0.199
D
1.55
1.65
0.061
0.065
E
4.15
4.25
0.163
0.167
F
1.55
1.65
0.061
0.065
G
2.65
2.75
0.104
0.108
H
4.05
4.15
0.159
0.163
J
4.05
4.15
0.159
0.163
Suggested Solder Pad
A
B
C D E F
G
H
J
K
L
M
Q
R
P
T
N
A
B C
D
E
F
J
H
G
Suggest Solder Print
RTCA DO-160G COMPLIANT PRODUCT


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn