Moteur de recherche de fiches techniques de composants électroniques |
|
54F544 Fiches technique(PDF) 6 Page - National Semiconductor (TI) |
|
|
54F544 Fiches technique(HTML) 6 Page - National Semiconductor (TI) |
6 / 10 page Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 544 S C X Temperature Range Family Special Variations 74F e Commercial QB e Military grade device with 54F e Military environmental and burn-in processing Device Type X e Devices shipped in 13 reel Package Code Temperature Range SP e Slim Plastic DIP C e Commercial (0 Cto a70 C) D e Ceramic DIP M e Military (b55 Cto a125 C) SD e Slim Ceramic DIP F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline (SOIC) MSA e Shrink Small Outline (SOIC) EIAJ Type II 6 |
Numéro de pièce similaire - 54F544 |
|
Description similaire - 54F544 |