Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS61001 Fiches technique(PDF) 3 Page - Semtech Corporation

No de pièce TS61001
Description  Full-bridge FET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS61001 Fiches technique(HTML) 3 Page - Semtech Corporation

  TS61001 Datasheet HTML 1Page - Semtech Corporation TS61001 Datasheet HTML 2Page - Semtech Corporation TS61001 Datasheet HTML 3Page - Semtech Corporation TS61001 Datasheet HTML 4Page - Semtech Corporation TS61001 Datasheet HTML 5Page - Semtech Corporation TS61001 Datasheet HTML 6Page - Semtech Corporation TS61001 Datasheet HTML 7Page - Semtech Corporation TS61001 Datasheet HTML 8Page - Semtech Corporation TS61001 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS61001
Final Datasheet
Rev 1.2
March 19, 2015
www.semtech.com
3 of 10
Semtech
Proprietary & Confidential
Pin Description
Pin #
Pin Name
Pin Function
Description
1
VS1
FET drive
High side MOSFET source #1
2
HO1
FET drive
High side MOSFET gate drive #1
3
LO1
FET drive
Low side MOSFET gate drive #1
4
VCCG
Input power
Input power supply (gate drive supply)
5
PGND
Power GND
Power GND
6
LO2
FET drive
Low side MOSFET gate drive #2
7
HO2
FET drive
High side MOSFET gate drive #2
8
VS2
FET drive
High side MOSFET source #2
9
VB2
Bootstrap
Bootstrap for gate drive #2
10
LS1ON
PWM1_L
Low-side gate control #1
11
HS1ON
PWM1_H
High-side gate control #1
12
LS2ON
PWM2_L
Low-side gate control #2
13
AGND
Analog GND
Analog GND
14
V5INT
Decoupling
Internal 5V regulator decoupling
15
SDATA
I2C Data
I2C data
16
SCLK
I2C Clock
I2C clock
17
V3P3
Decoupling
Internal 3.3V regulator decoupling
18
HS2ON
PWM2_H
High-side gate control #2
19
COMPOUT
Comparator
Comparator output
20
COMPN
Comparator
Comparator input (-)
21
COMPP
Comparator
Comparator input (+)
22
PGND
Power GND
Power GND
23
NC
No Connect
No Connect
24
PGND
Power GND
Power GND
25
VCC
Input power
Input power supply (main device supply)
26
/SLEEP
Disable
Disable Pin (active low)
27
NC
No Connect
No Connect
28
VB1
Bootstrap
Bootstrap for gate drive #1


Numéro de pièce similaire - TS61001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
More results

Description similaire - TS61001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
   Full-bridge FET Driver
logo
Intersil Corporation
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
   Radiation Hardened Full Bridge N-Channel FET Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
ISL83204A RENESAS-ISL83204A Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com