Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS31023 Fiches technique(PDF) 1 Page - Semtech Corporation

No de pièce TS31023
Description  High Input Voltage Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS31023 Fiches technique(HTML) 1 Page - Semtech Corporation

  TS31023 Datasheet HTML 1Page - Semtech Corporation TS31023 Datasheet HTML 2Page - Semtech Corporation TS31023 Datasheet HTML 3Page - Semtech Corporation TS31023 Datasheet HTML 4Page - Semtech Corporation TS31023 Datasheet HTML 5Page - Semtech Corporation TS31023 Datasheet HTML 6Page - Semtech Corporation TS31023 Datasheet HTML 7Page - Semtech Corporation TS31023 Datasheet HTML 8Page - Semtech Corporation TS31023 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TS31023/223
Final Datasheet
Rev 1.1
March 19, 2015
www.semtech.com
1 of 15
Semtech
Proprietary & Confidential
TS31023/223
TRIUNE PRODUCTS
Features
Wide input supply operating range
Œ
TS31023 : 5V-16V
Œ
TS31223 : 5V-36V
Adjustable output voltage from 1.25V to V
IN - Vdropout
60mA output current capability
Enable control function
Applications
Set-top Boxes
Automotive
Industrial
Medical
Energy harvesting systems
Wireless Power
High Input Voltage
Linear Regulator
Description
The TS31x23 high voltage linear regulator consists of a low
power amplifier with a high voltage p-channel pass gate.
The linear regulator has a wide operating range, and is ideal
for systems that may have large voltage transients and require
the output load to remain regulated.
An analog current limit is used to limit output current and
protect the regulator from external short circuits.
Summary Specification
Ambient operating temperature 0C to 85C
Packaged in a 8pin DFN (2x2)
Typical Application Circuit


Numéro de pièce similaire - TS31023

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
More results

Description similaire - TS31023

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
569Kb / 17P
[Old version datasheet]   100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715 Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com