Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS12001-C023 Fiches technique(PDF) 3 Page - Semtech Corporation

No de pièce TS12001-C023
Description  Battery Management Under-Voltage Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS12001-C023 Fiches technique(HTML) 3 Page - Semtech Corporation

  TS12001-C023 Datasheet HTML 1Page - Semtech Corporation TS12001-C023 Datasheet HTML 2Page - Semtech Corporation TS12001-C023 Datasheet HTML 3Page - Semtech Corporation TS12001-C023 Datasheet HTML 4Page - Semtech Corporation TS12001-C023 Datasheet HTML 5Page - Semtech Corporation TS12001-C023 Datasheet HTML 6Page - Semtech Corporation TS12001-C023 Datasheet HTML 7Page - Semtech Corporation TS12001-C023 Datasheet HTML 8Page - Semtech Corporation TS12001-C023 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS12001
Final Datasheet
Rev 1.3
April 30, 2015
www.semtech.com
3 of 11
Semtech
Pin Description
Pin #
Pin Name
Pin Type (1)
Description
1
GND
P
GND
2
V
OUT
O
Output to System Load
3
NC
No Connect (connect to GND or float)
4
NC
No Connect (connect to GND or float)
5
NC
No Connect (connect to GND or float)
6
V
CC
I/P
Supply Input
7
V
CC
I/P
Supply Input
8
nPG
O
Open-Drain N-Channel Output (low indicates Power Good)
(1) I = Input, O = Output, P = Power
Absolute Maximum Ratings
Over operating free–air temperature range unless otherwise noted(2, 3, 4)
Parameter
Value
Unit
VCC, VOUT, nPG
-0.3 to 6.0
V
Electrostatic Discharge – Human Body Model
2
kV
Operating Junction Temperature Range, T
J
-20 to 85
°C
Storage Temperature Range, T
STG
-65 to 150
°C
Lead Temperature (soldering, 10 seconds)
260
°C
(2) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating con-
ditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(3) All voltage values are with respect to network ground terminal.
(4) ESD testing is performed according to the respective JESD22 JEDEC standard.
Thermal Characteristics
Package DFN
θJA (°C/W)
(See Note 5)
θJC (°C/W)
(See Note 6)
8 pin
73.1
10.7
(5) This assumes a FR4 board only.
(6) This assumes a 1 Oz. Copper JEDEC standard board with thermal vias – See Exposed Pad section and application note
for more information.


Numéro de pièce similaire - TS12001-C023

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
TS12001ITD1022 SILABS-TS12001ITD1022 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Touchstone Semiconducto...
TS12001ITD1022T TOUCHSTONE-TS12001ITD1022T Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
More results

Description similaire - TS12001-C023

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
   Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
   Advanced Load Management Switch
July, 2023 - Rev. 4
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
   Advanced Load Management Switch
September 2016 Rev. 1.11
logo
Fairchild Semiconductor
FPF1107 FAIRCHILD-FPF1107 Datasheet
931Kb / 14P
   Advance Load Management Switch
FPF1103 FAIRCHILD-FPF1103 Datasheet
790Kb / 14P
   Advance Load Management Switch
FPF1504 FAIRCHILD-FPF1504 Datasheet
517Kb / 4P
   Advanced Load Management Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com