Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS30012 Fiches technique(PDF) 9 Page - Semtech Corporation

No de pièce TS30012
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30012 Fiches technique(HTML) 9 Page - Semtech Corporation

Back Button TS30012 Datasheet HTML 5Page - Semtech Corporation TS30012 Datasheet HTML 6Page - Semtech Corporation TS30012 Datasheet HTML 7Page - Semtech Corporation TS30012 Datasheet HTML 8Page - Semtech Corporation TS30012 Datasheet HTML 9Page - Semtech Corporation TS30012 Datasheet HTML 10Page - Semtech Corporation TS30012 Datasheet HTML 11Page - Semtech Corporation TS30012 Datasheet HTML 12Page - Semtech Corporation TS30012 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TS30011/12/13
Final Datasheet
Rev 1.7
August 24, 2015
www.semtech.com
9 of 18
Semtech
Typical Performance Characteristics
T
J = -40C to 125C, VCC = 12V (unless otherwise noted)
Figure 4. Startup Response
Figure 5. 100mA to 1A Load Step (V
CC=12V, VOUT=1.8V)
Figure 6. 100mA to 2A Load (V
CC=12V, VOUT=1.8V)
Figure 7. 100mA to 1A Load Step (V
CC=12V, VOUT=3.3V)
Figure 8. 100mA to 2A Load Step (V
CC=12V, VOUT=3.3V)
Figure 9. Line Transient Response (V
CC=12V, VOUT=3.3V)


Numéro de pièce similaire - TS30012

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Description similaire - TS30012

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com