Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS51221-M000QFNR Fiches technique(PDF) 5 Page - Semtech Corporation

No de pièce TS51221-M000QFNR
Description  High Efficiency Regulator IC for Wireless Power Receiver Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221-M000QFNR Fiches technique(HTML) 5 Page - Semtech Corporation

  TS51221-M000QFNR Datasheet HTML 1Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 2Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 3Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 4Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 5Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 6Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 7Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 8Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
5 of 18
Semtech
Electrical Characteristics
ElectricalCharacteristics,T
J=-40Cto125C,VCC=12V(unlessotherwisenoted)
Symbol
Parameter
Condition
Min
Typ Max Unit
VCC Supply Voltage
V
CC
InputSupplyVoltage
4.5
24
V
I
CC-NORM
Quiescentcurrent
NormalMode
V
CC=12V,ILOAD=0A
5.2
mA
I
CC-NOSWITCH
QuiescentcurrentNormal
Mode–Non-switching
V
CC=12V,ILOAD=0A,Non-switching
2.3
mA
I
CC-STBY
Quiescentcurrent
StandbyMode
V
CC=12V,EN=0V
5
10
uA
VCC Under Voltage Lockout
V
CC-UV
InputSupplyUnder
VoltageThreshold
V
CCIncreasing
4.3
4.5
V
V
CC-UV_HYST
InputSupplyUnder
VoltageThreshold
Hysteresis
650
mV
OSC
F
OSC
OscillatorFrequency
0.9
1
1.1
MHz
PG Open Drain Output
T
PG
PGReleaseTimer
10
ms
I
OH-PG
High-LevelOutputLeakage VPG=5V
0.5
uA
V
OL-PG
Low-LevelOutputVoltage
IPG=-0.3mA
0.01
V
EN Input Voltage Thresholds
V
IH-EN
HighLevelInputVoltage
2.2
V
V
IL-EN
LowLevelInputVoltage
0.8
V
V
HYST-EN
InputHysteresis
480
mV
I
IN-EN
InputLeakage
V
EN=5V
3.5
uA
V
EN=0V
-1.5
uA
Thermal Shutdown
TSD
ThermalShutdown
JunctionTemperature
Note:nottestedinproduction
150
170
°C
TSD
HYST
TSDHysteresis
Note:nottestedinproduction
10
°C


Numéro de pièce similaire - TS51221-M000QFNR

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
   Wireless Power Receiver
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
TS51224-M000WCSR SEMTECH-TS51224-M000WCSR Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
More results

Description similaire - TS51221-M000QFNR

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com