Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS13101-QFNR Fiches technique(PDF) 10 Page - Semtech Corporation

No de pièce TS13101-QFNR
Description  Galvanic Isolated Latching 60V Power Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13101-QFNR Fiches technique(HTML) 10 Page - Semtech Corporation

Back Button TS13101-QFNR Datasheet HTML 2Page - Semtech Corporation TS13101-QFNR Datasheet HTML 3Page - Semtech Corporation TS13101-QFNR Datasheet HTML 4Page - Semtech Corporation TS13101-QFNR Datasheet HTML 5Page - Semtech Corporation TS13101-QFNR Datasheet HTML 6Page - Semtech Corporation TS13101-QFNR Datasheet HTML 7Page - Semtech Corporation TS13101-QFNR Datasheet HTML 8Page - Semtech Corporation TS13101-QFNR Datasheet HTML 9Page - Semtech Corporation TS13101-QFNR Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TS13101
Final Datasheet
Rev 1.0
October 22, 2015
10 of 10
Semtech
Contact Information
Semtech Corporation
200 Flynn Road, Camarillo, CA 93012
Phone: (805) 498-2111, Fax: (805) 498-3804
www.semtech.com
IMPORTANT NOTICE
Information relating to this product and the application or design described herein is believed to be reliable, however such information is provided as a
guide only and Semtech assumes no liability for any errors in this document, or for the application or design described herein. Semtech reserves the right
to make changes to the product or this document at any time without notice. Buyers should obtain the latest relevant information before placing orders
and should verify that such information is current and complete. Semtech warrants performance of its products to the specifications applicable at the time
of sale, and all sales are made in accordance with Semtech’s standard terms and conditions of sale.
SEMTECH PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES
OR SYSTEMS, OR IN NUCLEAR APPLICATIONS IN WHICH THE FAILURE COULD BE REASONABLY EXPECTED TO RESULT IN PERSONAL INJURY, LOSS OF LIFE
OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. INCLUSION OF SEMTECH PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE UNDERTAKEN
SOLELY AT THE CUSTOMER’S OWN RISK. Should a customer purchase or use Semtech products for any such unauthorized application, the customer shall
indemnify and hold Semtech and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs damages and attorney
fees which could arise.
The Semtech name and logo are registered trademarks of the Semtech Corporation. All other trademarks and trade names mentioned may be marks and
names of Semtech or their respective companies. Semtech reserves the right to make changes to, or discontinue any products described in this document
without further notice. Semtech makes no warranty, representation or guarantee, express or implied, regarding the suitability of its products for any
particular purpose. All rights reserved.
© Semtech 2015


Numéro de pièce similaire - TS13101-QFNR

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
More results

Description similaire - TS13101-QFNR

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
   Galvanic Isolated Blocking 56V Power Load Switch
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO1H816G INFINEON-ISO1H816G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
   Galvanic isolated octal high-side smart power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com