Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-420-BPP Datasheet(Fiches technique) 1 Page - Axiomtek Co., Ltd.

Numéro de pièce LS-420-BPP
Description  Industrial LCD Monitor
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AXIOMTEK [Axiomtek Co., Ltd.]
Site Internet  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

LS-420-BPP Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  LS-420-BPP Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
42" Industrial LCD Monitor
Features
Flexible, low cost and high performance
For kiosk, gaming, amusement, digital signage application
42" 16:9 FHD TFT LCD display
Previum MVA with wide-view angle
For both landscape and portrait installation
Specifications
Size
42" (16:9)
Signal input
15 pin D-sub connector for VGA
Backlight
LED
OSD adjustment
Power, Enter, Left, Right, Auto
Panel type
Premium MVA
AC input
100~240Vac, 1.5A
Pixel pitch
0.1615 mm
Inrush current
30A (cold start)
Active area
930.24x523.26 mm
Consumption
100W
Brightness*
500 cd/m2
Management
VESA DPMS
Contrast
4000 : 1
Mounting
400x300mm M6 screw
Viewing angle
178 / 178 degree
Dimension
990.9 (W) x 583.9 (H) x 114.4 (D) mm
Resolution
1920 x 1080
Weight
Display color
16.7M (8 bit)
Packing
1 pcs / carton
Response time
8 mS (gray-gray)
Carton size
Hor. frequency
30 ~ 86 KHz
Container loading
Ver. frequency
60 / 70 Hz
Operation
0 ~ 50 degree C
Pixel rate
165 MHz
Storage
-30 ~ 70 degree C
* Higher brightness is on demand.
Ordering information
Model selection
X:
Panel selection
Y:
Input selection
Z:
Touch selection
0:
Standard, chosen
0:
Standard, VGA/DVI
0:
Standard, none
A:
Specified LCD
V:
VGA only
G:
Glass
B:
Specified LCD
H:
VGA/DVI/HDMI
I :
IR
…etc. Specified LCD
P:
DVI/HDMI/DP
S:
SAW
S:
VGA/DVI/S-video
P:
Projective capacitive
Optional accessories
* Power cord
1.8M power cord, US / EU
* Signal cable
1.8M VGA cable, 1.8M DVI cable
Product drawing
* All specification and photos are subject to change without notice.
LS-420-XYZ
LS-420
LCD panel
Power
Package
Video
Temperature


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn