Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC2030 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC2030
Description  Serial I/F Controlled 7-Channel Motor-Driver
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2030 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPIC2030 Datasheet HTML 5Page - Texas Instruments TPIC2030 Datasheet HTML 6Page - Texas Instruments TPIC2030 Datasheet HTML 7Page - Texas Instruments TPIC2030 Datasheet HTML 8Page - Texas Instruments TPIC2030 Datasheet HTML 9Page - Texas Instruments TPIC2030 Datasheet HTML 10Page - Texas Instruments TPIC2030 Datasheet HTML 11Page - Texas Instruments TPIC2030 Datasheet HTML 12Page - Texas Instruments TPIC2030 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
TPIC2030
www.ti.com
SLIS171 – DECEMBER 2015
7.9 Electrical Characteristics – Sled Motor Driver Part
over recommended operating free-air temperature range; (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output resistance
RttlSLD
IO = 0.5 A
0.8
1.2
Ω
High side + low side
ResSLD
Resolution
10
bit
Forward
2h
1Fh
60h
WidDZSLD
input Dead band
Reverse
–60h
–1Fh
–2h
P5V = 5 V
GnSLD
Sled current gain
RL = 10 Ω, 2.2 mH
380
440
500
mA
VSLED = 7FFh
SLEDENDTH<1:0> = 00
26
46
66
mV
VthEdetSLD
END_DET BEMF threshold voltage
SLEDENDTH<1:0> = 01
42
82
122
mV
SLEDENDTH<1:0> = 11
9
22
35
mV
7.10 Electrical Characteristics – Focus/ Tilt/Tracking/Driver Part
over recommended operating free-air temperature range; (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RttlAct
Total output resistance
IO = 0.5 A
Ω
0.7
1.1
High side + low side
ResACT
Resolution
12
bit
VOfstACT
Each channel output offset voltage
DAC_code = 000h
–30
0
30
mV
VOfstDACT
Output offset voltage focus and tilt
DIFF_TLT = 1
–50
0
50
mV
GnDAct
Difference gain focus and tilt
DIFF_TLT = 1
–1
0
1
db
GnAct
Gain
magnification to 1.0 input
5.2
6
6.8
times
7.11 Electrical Characteristics – Load Driver Part
over recommended operating free-air temperature range; (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output resistance
RttlLOD
IO = 0.5 A
0.7
1.1
Ω
High side + low side
ResLOD
Resolution
12
bit
GnLOD
Gain
Magnification to 1.0 input
5.2
6
6.8
times
Forward
20h
WidDZLOD
Dead band
Reverse
–21h
TocpLOD
Output 100% limit time
LOAD_05CH = 0
0.64
0.8
0.96
s
LOAD_05CH = 1 at
120
240
360
mA
Load_OCP_IUP = 0
IocpLOD
Overcurrent protective Level
LOAD_05CH = 1 at
215
430
645
mA
Load_OCP_IUP = 1
DlyocpLOD
Overcurrent protection delay time
LOAD_05CH = 1
0.64
0.8
0.96
s
7.12 Electrical Characteristics – Current Switch Part
over recommended operating free-air temperature range; (P5V
≈ 4.5 to 5.5 V, TA ≈ –20℃ to 75℃, unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RdsCSW
Rds(on)
IO = 0.2 A
200
500
m
Ω
IlmtCSW
Current limit threshold level
0.25
0.5
0.75
A
ThlCSW
Protection hold time
1.47
1.6
2.0
ms
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPIC2030


Numéro de pièce similaire - TPIC2030

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2010RDFDRG4 TI1-TPIC2010RDFDRG4 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040DBTRG4 TI1-TPIC2040DBTRG4 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
More results

Description similaire - TPIC2030

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2060A TI1-TPIC2060A Datasheet
1Mb / 65P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor Driver for ODD
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
   Serial controlled unipolar stepping motor driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
   Serial-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
logo
Fairchild Semiconductor
FAN8037 FAIRCHILD-FAN8037 Datasheet
385Kb / 23P
   7-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com