Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC2010RDFDRG4 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC2010RDFDRG4
Description  Serial I/F Controlled 9-Channel Motor-Driver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2010RDFDRG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPIC2010RDFDRG4 Datasheet HTML 6Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 7Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 8Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 9Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 10Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 11Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 12Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 13Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
TPIC2010
SLIS170 – DECEMBER 2015
www.ti.com
7.10 Electrical Characteristics – Spindle Motor Driver Part
over recommended operating free-air temperature range (A5V
≈ 4.5 to 5.5 V, P5V_1, P5V_2, P5V_STP, P5V_SPM1,
P5V_SPM2 = A5V, VREF = 1.65 V, TA ≈ –20°C to 75°C; unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output resistance
RttlSPM
IOUT = 0.1 A
0.25
0.5
Ω
High side + low side
VIsns
ISENSE detected voltage
ISENSE voltage
181
196
211
mV
ResSPM
Resolution
12
bit
VSPM(REG8h) = 400h
2.6
3
3.4
V
VoutSPM
Spindle voltage
VSPM(REG8h) = C00h
–1.55
–1.25
–0.95
V
Forward
+12h
+52h
+92h
WidDZSPM
Spindle dead band
Reverse
–92h
–52h
–12h
WidDZSPMLS
Spindle dead band (LS mode)
–40h
0h
40h
7.11 Electrical Characteristics – Sled Motor Driver Part
over recommended operating free-air temperature range (A5V
≈ 4.5 to 5.5 V, P5V_1, P5V_2, P5V_STP, P5V_SPM1,
P5V_SPM2 = A5V, VREF = 1.65 V, TA ≈ –20°C to 75°C; unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output resistance
RttlSLD
IO = 0.1 A
0.7
1.1
Ω
High side + low side
ResSLD
Resolution
10
bit
Forward
+4h
+51h
+90h
WidDZSLD
Input dead band
Reverse
–90h
–51h
–4h
A5V = 5 V, 5 V = 5 V
GnSLD
Sled current gain
RL = 10 Ω, 2.2 mH
380
440
500
mA
VSLED = 7FFh
ENDDET_SLCT = 0,
END_DET BEMF threshold
VthEdetSLD
SLEDENDTH<1:0> = 00, SLED
26
46
66
mV
voltage
Enable
7.12 Electrical Characteristics – Focus/Tilt/Tracking/Driver Part
over recommended operating free-air temperature range (A5V
≈ 4.5 to 5.5 V, P5V_1, P5V_2, P5V_STP, P5V_SPM1,
P5V_SPM2 = A5V, VREF = 1.65 V, TA ≈ –20°C to 75°C; unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output resistance
RttlAct
IO = 0.1 A
0.7
1.1
Ω
High side + low side
ResACT
Resolution
12
bit
VOfstACT
Each channel output offset voltage DAC_code = 000h
–30
0
30
mV
Output offset voltage Focus and
VOfstDACT
DIFF_TLT = 1
–50
0
50
mV
Tilt
GnDAct
Difference gain Focus and Tilt
DIFF_TLT = 1
–1
0
1
db
DAC_code = 400h
2.6
3
3.4
GnAct
Voltage gain
V
DAC_code = C00h
–3.4
–3
–2.6
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPIC2010


Numéro de pièce similaire - TPIC2010RDFDRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040DBTRG4 TI1-TPIC2040DBTRG4 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
More results

Description similaire - TPIC2010RDFDRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2060A TI1-TPIC2060A Datasheet
1Mb / 65P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor Driver for ODD
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
   Serial controlled unipolar stepping motor driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
   Serial-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
   36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com