Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAPA800 Fiches technique(PDF) 1 Page - Axiomtek Co., Ltd.

No de pièce CAPA800
Description  1 DDR2 SO-DIMM supports up to 2 GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXIOMTEK [Axiomtek Co., Ltd.]
Site Internet  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA800 Fiches technique(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA800_15 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
112
axiomtek.com
© 2015 Axiomtek Co., Ltd. All rights reserved.
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
* All specifications and photos are subject to change without notice.
Features
Audio
SATA
CAPA800
Intel® Atom™ N450/D410/D510
3.5" Embedded SBC with Intel® ICH8M,
LVDS/VGA, Dual LANs and Audio
Intel® Atom™ processor N450/D410/D510 onboard
1 DDR2 SO-DIMM supports up to 2 GB memory capacity
8 USB 2.0 ports
4 COM ports
PCI Express Mini Card expansion
Display: LVDS/VGA
I/O
Ordering Information
Packing List
System
MIO
3 x RS-232 (COM 2~4); with +5V/+12V powered
1 x RS-232/422/485 (COM1); with +5V/+12V powered
SATA
2 x SATA-300
Hardware Monitoring
Detect system temperature, voltage and fan speed
Ethernet
1st port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® 82567V
2nd port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Realtek RTL8111DL
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
8 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmable
Standard
CAPA800VGGA-N450
(fanless)
(P/N: E38E800100)
3.5" Embedded SBC with Intel® Atom™ processor N450,
VGA/LVDS, 2 GbE LAN, 4 COM, 8 USB and audio
CAPA800VGGA-D510
(heatsink fan included)
(P/N: E38E800103)
3.5" SBC with Intel® Atom™ processor D510, VGA/LVDS,
2 GbE LAN, 4 COM, 8 USB and audio
Optional/MOQ
CAPA800VGGA-D410
(heatsink fan included)
(P/N: E38E800102)
3.5" Embedded SBC with Intel
® Atom™ processor D410,
VGA/LVDS, 2 GbE LAN, 4 COM, 8 USB and audio
AX95601
(P/N: E395601100)
LVDS converter for scale up to 1920 x 1080 48bit
AX95601
(P/N: E395601101)
LVDS converter for pixel compensated to 1280 x 1024 48bit
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380000300E
2 x COM w/ bracket P=1.27 x 2.54 L=300 mm
1
59384500100E
Audio cable w/ bracket P=2.0 mm, L=450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
1
CPU
Intel® Atom™ processor N450/D410 1.66 GHz single core
& D510 1.66 GHz dual core onboard
System Memory
1 x 200-pin SO-DIMM supports DDR2-667/800 max.
up to 4 GB (N450 supports DDR2-667 max. up to 2 GB)
Chipset
Intel® ICH8M
BIOS
AMI
SSD
1 x CompactFlash™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirements
*Intel® Atom™ N450 @1.66 GHz, 1 GB DDR2
Max. RMS: +12V @ 907mA
*Intel® Atom™ D410 @1.66 GHz, 1 GB DDR2
Max. RMS: +12V @ 1.02A
*Intel® Atom™ D510 @1.66 GHz, 1 GB DDR2
Max. RMS: +12V @ 1.207A
Size
146 x 104 mm
Board Thickness
1.6 mm
Operating
Standard: 0° ~ +60°C (32°F ~ 140°F)
Temperature
Optional: -20°C ~ +70°C (-4°F ~ +158°F)
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Rear view
Top view
DDR2
SO-DIMM
CF type-II
LVDS
PCI Express Mini Card
VGA
USB 2.0 3~8
Ethernet 1
Ethernet 2
USB 2.0 1/2
COM 1
COM 2
COM 3/4
Display
Chipset
Intel® GMA 3150 graphics core
Memory Size
Intel® DVMT 4.0 compliant
Display Interface
1 x VGA
1 x LVDS; 18-bit single channel
Fanless
Low Power
AiRD
PCIe Mini
PCIe Mini
PCIe Mini


Numéro de pièce similaire - CAPA800_15

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
   PCI Express Mini Card expansion
More results

Description similaire - CAPA800_15

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
NANO831 AXIOMTEK-NANO831_16 Datasheet
367Kb / 1P
   1 DDR3 SO-DIMM supports up to 2 GB memory capacity
NANO831 AXIOMTEK-NANO831_14 Datasheet
627Kb / 2P
   1 DDR3 SO-DIMM supports up to 2 GB memory capacity
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA848 AXIOMTEK-CAPA848 Datasheet
326Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_16 Datasheet
296Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
EP100 AXIOMTEK-EP100_16 Datasheet
330Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO101 AXIOMTEK-NANO101_14 Datasheet
486Kb / 2P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA112 AXIOMTEK-CAPA112_14 Datasheet
572Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA840 AXIOMTEK-CAPA840 Datasheet
325Kb / 1P
   2 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com