Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1GU04DCKRG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74LVC1GU04DCKRG4
Description  Single Inverter Gate
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1GU04DCKRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button 74LVC1GU04DCKRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1GU04DCKRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1GU04DCKRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1GU04DCKRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1GU04DCKRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1GU04DCKRG4 Datasheet HTML 9Page - Texas Instruments 74LVC1GU04DCKRG4 Datasheet HTML 10Page - Texas Instruments 74LVC1GU04DCKRG4 Datasheet HTML 11Page - Texas Instruments 74LVC1GU04DCKRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
A
Y
2
4
SN74LVC1GU04
SCES215W – APRIL 1999 – REVISED JANUARY 2016
www.ti.com
8 Detailed Description
8.1 Overview
The SN74LVC1GU04 device contains one inverter with an unbuffered output with a maximum sink current of
32 mA.
8.2 Functional Block Diagram
Figure 3. Logic Diagram (Positive Logic)
8.3 Feature Description
The wide operating voltage range of 1.65 V to 5.5 V allows the SN74LVC1GU04 to be used in systems with
many different voltage rails. In addition, the voltage tolerance on the output allows the device to be used for
inverting up-translation or down-translation.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC1GU04.
Table 1. Function Table
INPUT
OUTPUT
A
Y
H
L
L
H
8
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: SN74LVC1GU04


Numéro de pièce similaire - 74LVC1GU04DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVC1GU04DCKRG4 TI-74LVC1GU04DCKRG4 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
74LVC1GU04DCKRG4 TI-74LVC1GU04DCKRG4 Datasheet
643Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
74LVC1GU04DCKRG4 TI-74LVC1GU04DCKRG4 Datasheet
709Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
74LVC1GU04DCKRG4 TI1-74LVC1GU04DCKRG4 Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Gate
More results

Description similaire - 74LVC1GU04DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com