Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1GU04DBVRG4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74LVC1GU04DBVRG4
Description  Single Inverter Gate
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1GU04DBVRG4 Fiches technique(HTML) 5 Page - Texas Instruments

  74LVC1GU04DBVRG4 Datasheet HTML 1Page - Texas Instruments 74LVC1GU04DBVRG4 Datasheet HTML 2Page - Texas Instruments 74LVC1GU04DBVRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1GU04DBVRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1GU04DBVRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1GU04DBVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1GU04DBVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1GU04DBVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1GU04DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SN74LVC1GU04
www.ti.com
SCES215W – APRIL 1999 – REVISED JANUARY 2016
6.3 Recommended Operating Conditions
See
(1).
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VIH
High-level input voltage
IO = –100 μA
0.75 × VCC
V
VIL
Low-level input voltage
IO = 100 μA
0.25 × VCC
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
6.4 Thermal Information
SN74LVC1GU04
DBV
DCK
DRL
DRY
YZP
DSF
YZV
THERMAL METRIC(1)
UNIT
(SOT-23)
(SC70)
(SOT)
(SON)
(DSBGA)
(SON)
(DSBGA)
5 PINS
5 PINS
5 PINS
6 PINS
5 PINS
6 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
206
252
142
234
132
300
116
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
VIL = 0 V
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
VIH = VCC
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
A input
VI = 5.5 V or GND
0 V to 5.5 V
±5
μA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
μA
TA = –40°C to
Ci
VI = VCC or GND
3.3 V
7
pF
85°C
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC1GU04


Numéro de pièce similaire - 74LVC1GU04DBVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVC1GU04DBVRG4 TI-74LVC1GU04DBVRG4 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
74LVC1GU04DBVRG4 TI-74LVC1GU04DBVRG4 Datasheet
643Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
74LVC1GU04DBVRG4 TI-74LVC1GU04DBVRG4 Datasheet
709Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
74LVC1GU04DBVRG4 TI1-74LVC1GU04DBVRG4 Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Gate
More results

Description similaire - 74LVC1GU04DBVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com