Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH8T245DWRG4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce 74LVCH8T245DWRG4
Description  8-BIT Dual-Supply Bus Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH8T245DWRG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button 74LVCH8T245DWRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 9Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 10Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 11Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 12Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 13Page - Texas Instruments 74LVCH8T245DWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
SN74LVCH8T245
SCES637B – AUGUST 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN74LVCH8T245
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
6.9 Switching Characteristics: VCCA = 5 V ± 0.5 V
over recommended operating free-air temperature range, VCCA = 5 V ± 0.5 V (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tPLH, tPHL
A
B
VCCB = 1.8 V ± 0.15 V
1.5
21.4
ns
VCCB = 2.5 V ± 0.2 V
1
8.8
VCCB = 3.3 V ± 0.3 V
0.7
6
VCCB = 5 V ± 0.5 V
0.4
4.2
tPLH, tPHL
B
A
VCCB = 1.8 V ± 0.15 V
0.7
7
ns
VCCB = 2.5 V ± 0.2 V
0.4
4.8
VCCB = 3.3 V ± 0.3 V
0.3
4.5
VCCB = 5 V ± 0.5 V
0.3
4.3
tPHZ, tPLZ
OE
A
VCCB = 1.8 V ± 0.15 V
0.3
5.4
ns
VCCB = 2.5 V ± 0.2 V
0.3
5.4
VCCB = 3.3 V ± 0.3 V
0.3
5.4
VCCB = 5 V ± 0.5 V
0.3
5.4
tPHZ, tPLZ
OE
B
VCCB = 1.8 V ± 0.15 V
2
28.7
ns
VCCB = 2.5 V ± 0.2 V
1.6
9.7
VCCB = 3.3 V ± 0.3 V
1.4
8
VCCB = 5 V ± 0.5 V
0.7
5.7
tPZH, tPZL
OE
A
VCCB = 1.8 V ± 0.15 V
0.7
6.4
ns
VCCB = 2.5 V ± 0.2 V
0.7
6.4
VCCB = 3.3 V ± 0.3 V
0.7
6.4
VCCB = 5 V ± 0.5 V
0.7
6.4
tPZH, tPZL
OE
B
VCCB = 1.8 V ± 0.15 V
1.5
27.6
ns
VCCB = 2.5 V ± 0.2 V
1.3
11.4
VCCB = 3.3 V ± 0.3 V
1
8.1
VCCB = 5 V ± 0.5 V
0.9
6


Numéro de pièce similaire - 74LVCH8T245DWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DWRG4 TI-74LVCH8T245DWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74LVCH8T245DWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com