Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1002FL Fiches technique(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

No de pièce GS1002FL
Description  1.0A General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YENYO [YENYO TECHNOLOGY Co., Ltd]
Site Internet  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

GS1002FL Fiches technique(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  GS1002FL Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd GS1002FL Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO 
1/2
R02,JUL-15
GS1000FL THRU GS1010FL
1.0A General Purpose Rectifier 
1. 封裝 Package  
封裝方式 Method: SOD‐123S 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
For surface mounted applications 
Low profile package 
Ideal for automated placement 
High temperature soldering : 260℃/10 seconds at terminals 
Glass passivated chip junction 
Lead‐free & halogen‐free parts, RoHS compliant  
3. 機械數據  Mechanical Data 
Epoxy: UL94V‐0 rated flame retardant 
Case: Molded Plastic 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Mounting position: Any 
Polarity: Color band denotes cathode end 
Weight: approx.. 0.0173 grams 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or 
inductive load. For capacitive load, derate current by 20%. 
PARAMETER 
Symbol 
GS1000FL 
GS1001FL 
GS1002FL 
GS1004FL 
GS1006FL 
GS1008FL 
GS1010FL 
UNITS 
Marking Code ‐ 
1A 
1B 
1D 
1G 
1J 
1K 
1M ‐ 
Recurrent Peak Reverse Voltage 
VRRM 
50 
100 
200 
400 
600 
800 
1000 
Volts 
RMS Voltage 
VRMS 
35 
70 
140 
280 
420 
560 
700 
Volts 
DC Blocking Voltage 
VDC 
50 
100 
200 
400 
600 
800 
1000 
Volts 
Average Forward Current (Note 1) 
IF(AV) 
1.0 
Amps 
Peak Forward Surge Current 
8.3ms single half sine‐wave 
superimposed on rated load(JEDEC 
Method) 
IFSM 
30.0 
Amps 
Max. Forward Voltage at 1.0A 
VF 
1.0 
Volts 
Max. DC Reverse Current     TJ= 25℃ 
Rated DC Blocking Voltage 
IR 
uA 
Typical Thermal Resistance (Note 2) 
RÈJA 
65 
OC/W 
Operating Junction and Storage 
Temperature Range 
TJ, TSTG ‐50 to +150 
O
   
Notes: 
(1) Pulse test: 300u pulse with, 1% duty cycle. 
(2) Soldering land: 6mm x 6mm. 
 
 
單位 Unit: millimeters 


Numéro de pièce similaire - GS1002FL

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
GS1002FL PANJIT-GS1002FL Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
GS1002FL PANJIT-GS1002FL Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
logo
Nanjing International G...
GS1002FL DGNJDZ-GS1002FL Datasheet
303Kb / 3P
   1.0 AmpereSilion Rectifier
logo
SUNMATE electronic Co.,...
GS1002FL SUNMATE-GS1002FL Datasheet
297Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
Zibo Seno Electronic En...
GS1002FL ZSELEC-GS1002FL Datasheet
139Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
More results

Description similaire - GS1002FL

FabricantNo de pièceFiches techniqueDescription
logo
Naina Semiconductor ltd...
1N4007 NAINA-1N4007 Datasheet
106Kb / 2P
   General Purpose Rectifier 1.0A
logo
YENYO TECHNOLOGY Co., L...
S1AF YENYO-S1AF Datasheet
204Kb / 2P
   1.0A General Purpose Rectifier
logo
TAITRON Components Inco...
1N4001G TAITRON-1N4001G Datasheet
170Kb / 4P
   1.0A GENERAL PURPOSE SILICON RECTIFIER
logo
Gulf Semiconductor
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
1N4001E GULFSEMI-1N4001E Datasheet
86Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Shenzhen Luguang Electr...
FM4001-M LUGUANG-FM4001-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
   1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com