Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZTA92 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce PZTA92
Description  PNP Silicon High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PZTA92 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  PZTA92 Datasheet HTML 1Page - Infineon Technologies AG PZTA92 Datasheet HTML 2Page - Infineon Technologies AG PZTA92 Datasheet HTML 3Page - Infineon Technologies AG PZTA92 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PZTA92
Dec-12-2001
3
Transition frequency fT = f (IC)
VCE = 10V, f = 100MHz
EHP00734
PZTA 92/93
10
10
10
mA
f
C
10
MHz
10
T
55
5
Ι
01
2
3
10
3
2
10
1
5
Total power dissipation Ptot = f(TS)
0
15
30
45
60
75
90 105 120
°C 150
TS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
mW
1.8
DC current gain hFE = f (IC)
VCE = 10V
EHP00735
PZTA 92/93
10
10
mA
h
C
10
5
FE
10
3
1
10
0
5
10
10
10
-1
0
1
2
3
Ι
5
10
2
555
2
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00346
PZTA 92/93
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t


Numéro de pièce similaire - PZTA92

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZTA92 PHILIPS-PZTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 14
logo
First Silicon Co., Ltd
PZTA92 FS-PZTA92 Datasheet
335Kb / 3P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
PZTA92 SIEMENS-PZTA92 Datasheet
126Kb / 4P
   PNP Silicon High-Voltage Transistors
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Fairchild Semiconductor
PZTA92 FAIRCHILD-PZTA92 Datasheet
655Kb / 14P
   PNP High Voltage Amplifier
More results

Description similaire - PZTA92

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
BSS76 SEME-LAB-BSS76 Datasheet
19Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Micro Commercial Compon...
MMBTA94 MCC-MMBTA94 Datasheet
386Kb / 3P
   PNP Silicon High Voltage Transistor
logo
Micro Electronics
MPS-A92 MICRO-ELECTRONICS-MPS-A92 Datasheet
107Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
New Jersey Semi-Conduct...
BSS74 NJSEMI-BSS74 Datasheet
123Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MMBTA93 MCC-MMBTA93_13 Datasheet
438Kb / 3P
   PNP Silicon High Voltage Transistor
logo
New Jersey Semi-Conduct...
MPS-U60 NJSEMI-MPS-U60 Datasheet
87Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
New Jersey Semi-Conduct...
BFT28 NJSEMI-BFT28 Datasheet
49Kb / 1P
   SILICON PNP HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com