Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M37733M4LXXXHP Datasheet(Fiches technique) 3 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M37733M4LXXXHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M37733M4LXXXHP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
M37733M4LXXXHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
suject
to change.
3
FUNCTIONS OF M37733M4LXXXHP
Memory size
Input/Output ports
Multi-function timers
Interrupts
Clock generating circuit
Power dissipation
Parameter
Functions
Number of basic instructions
103
Instruction execution time
333 ns (the fastest instruction at external clock 12 MHz frequency)
ROM
32 Kbytes
RAM
2048 bytes
P0 – P2, P4 – P8
8-bit ! 8
P3
4-bit ! 1
TA0, TA1, TA2, TA3, TA4
16-bit ! 5
TB0, TB1, TB2
16-bit ! 3
Serial I/O
(UART or clock synchronous serial I/O) ! 3
A-D converter
10-bit ! 1 (8 channels)
Watchdog timer
12-bit ! 1
3 external types, 16 internal types
Each interrupt can be set to the priority level (0 – 7.)
2 circuits built-in (externally connected to a ceramic resonator or a
quartz-crystal oscillator)
Supply voltage
2.7 – 5.5 V
9 mW (at 3 V supply voltage, external clock 12 MHz frequency)
22.5 mW (at 5 V supply voltage, external clock 12 MHz frequency)
Input/Output voltage
5 V
Output current
5 mA
Memory expansion
Maximum 16 Mbytes
Operating temperature range
–40 to 85 °C
Device structure
CMOS high-performance silicon gate process
Package
80-pin plastic molded fine-pitch QFP (80P6D-A;0.5 mm lead pitch)
Input/Output characteristic


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M37702M2LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37736M4BXXXGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32CSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30302M8LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37733M4BXXXFPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37736M4LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30201SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30621FCMGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30302MAPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M30222SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn