Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD4016M164VPA-5 Datasheet(Fiches technique) 3 Page - List of Unclassifed Manufacturers

Numéro de pièce AD4016M164VPA-5
Description  Low voltage operation is more suitable to be used on battery backup, portable electronic
Télécharger  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AD4016M164VPA-5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AD4016M164VPA-5 Datenblatt HTML 1Page - List of Unclassifed Manufacturers AD4016M164VPA-5 Datenblatt HTML 2Page - List of Unclassifed Manufacturers AD4016M164VPA-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD4016M164VPA-5 Datenblatt HTML 4Page - List of Unclassifed Manufacturers AD4016M164VPA-5 Datenblatt HTML 5Page - List of Unclassifed Manufacturers AD4016M164VPA-5 Datenblatt HTML 6Page - List of Unclassifed Manufacturers AD4016M164VPA-5 Datenblatt HTML 7Page - List of Unclassifed Manufacturers AD4016M164VPA-5 Datenblatt HTML 8Page - List of Unclassifed Manufacturers AD4016M164VPA-5 Datenblatt HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Rev.1
Page 3
Description
The device CMOS Dynamic RAM organized as 4,194,304 words x 4 bits with extended data out access
mode. It is fabricated with an advanced submicron CMOS technology and designed to operate from a single
3.3V oniy power supply. Low voltage operation is more suitable to be used on battery backup, portable elec-
tronic application. lt is packaged in JEDEC standard 26/24-pin plastic SOJ or TSOP(II).
Features
• Single 3.3V(
%) only power supply
• High speed tRAC acess time: 50/60ns
• Low power dissipation
- Active mode :
432/396 mW (Mas)
- Standby mode: 0.54 mW (Mas)
• Extended - data - out(EDO) page mode access
• I/O level: CMOS level (Vcc = 3.3V)
• 2048 refresh cycle in 32 ms(Std.) or 128 ms(S-version)
• 4 refresh modesh:
- RAS only refresh
- CAS - before - RAS refresh
- Hidden refresh
- Self-refresh(S-version)
10
±


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn