Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC32T245GKER Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce SN74AVC32T245GKER
Description  32-Bit Dual-Supply Bus Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC32T245GKER Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SN74AVC32T245GKER Datasheet HTML 7Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 8Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 9Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 10Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 11Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 12Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 13Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 14Page - Texas Instruments SN74AVC32T245GKER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SN74AVC32T245
www.ti.com
SCES553F – MAY 2004 – REVISED JULY 2015
6.10 Switching Characteristics: VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.2
0.5
5.5
0.5
4.4
0.5
3.2
0.5
2.7
A
B
ns
tPHL
3.2
0.5
5.5
0.5
4.4
0.5
3.2
0.5
2.7
tPLH
2.8
0.5
3.7
0.5
3.3
0.5
2.8
0.5
2.7
B
A
ns
tPHL
2.8
0.5
3.7
0.5
3.3
0.5
2.8
0.5
2.7
tPZH
2.2
0.5
4.3
0.5
4.2
0.5
4.1
0.5
4
OE
A
ns
tPZL
2.2
0.5
4.3
0.5
4.2
0.5
4.1
0.5
4
tPZH
5.1
0.5
9.3
0.5
7.2
0.5
4.9
0.5
4
OE
B
ns
tPZL
5.1
0.5
9.3
0.5
7.2
0.5
4.9
0.5
4
tPHZ
3.4
0.5
5
0.5
5
0.5
5
0.5
5
OE
A
ns
tPLZ
3.4
0.5
5
0.5
5
0.5
5
0.5
5
tPHZ
4.9
1
7.7
1
6.5
1
5.2
0.5
5
OE
B
ns
tPLZ
4.9
1
7.7
1
6.5
1
5.2
0.5
5
6.11 Operating Characteristics
TA = 25°C
VCCA =
VCCA =
VCCA =
VCCA =
VCCA =
TEST
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Outputs
1
1
1
1
2
enabled
A to B
Outputs
1
1
1
1
1
CL = 0,
disabled
CpdA
(1)
f = 10 MHz,
pF
Outputs
tr = tf = 1 ns
13
13
14
15
16
enabled
B to A
Outputs
1
1
1
1
1
disabled
Outputs
13
13
14
15
16
enabled
A to B
Outputs
1
1
1
1
1
CL = 0,
disabled
CpdB
(1)
f = 10 MHz,
pF
Outputs
tr = tf = 1 ns
1
1
1
1
2
enabled
B to A
Outputs
1
1
1
1
1
disabled
(1)
Power dissipation capacitance per transceiver.. Refer to the TI application report, CMOS Power Consumption and Cpd Calculation.
SCAA035
Table 2. Typical Total Static Power Consumption (ICCA + ICCB)
VCCA
VCCB
UNIT
0 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
<1
<1
<1
<1
<1
1.2 V
<1
<2
<2
<2
<2
2
1.5 V
<1
<2
<2
<2
<2
2
μA
1.8 V
<1
<2
<2
<2
<2
<2
2.5 V
<1
2
<2
<2
<2
<2
3.3 V
<1
2
<2
<2
<2
<2
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AVC32T245


Numéro de pièce similaire - SN74AVC32T245GKER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI1-SN74AVC32T245GKER Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
More results

Description similaire - SN74AVC32T245GKER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com