Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC16T245DGGRE4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74AVC16T245DGGRE4
Description  16-Bit Dual-Supply Bus Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74AVC16T245DGGRE4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button 74AVC16T245DGGRE4 Datasheet HTML 5Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 9Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 10Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 11Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 12Page - Texas Instruments 74AVC16T245DGGRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SN74AVC16T245
www.ti.com
SCES551E – FEBRUARY 2004 – REVISED NOVEMBER 2015
7.9 Switching Characteristics: VCCA = 2.5 V ± 0.2 V
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 11)
VCCB = 1.2 V
VCCB = 1.5 V ± 0.1 V
VCCB = 1.8 V ± 0.15 V
VCCB = 2.5 V ± 0.2 V
VCCB = 3.3 V ± 0.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
3.2
0.5
5.6
0.5
4.5
0.5
3.3
0.5
2.8
A
B
ns
tPHL
3.2
0.5
5.6
0.5
4.5
0.5
3.3
0.5
2.8
tPLH
2.6
0.5
4.1
0.5
3.7
0.5
3.3
0.5
3.2
B
A
ns
tPHL
2.6
0.5
4.1
0.5
3.7
0.5
3.3
0.5
3.2
tPZH
2.5
0.5
5.3
0.5
5.3
0.5
5.3
0.5
5.3
OE
A
ns
tPZL
2.5
0.5
5.3
0.5
5.3
0.5
5.3
0.5
5.3
tPZH
5.2
0.5
9.4
0.5
7.3
0.5
5.1
0.5
4.5
OE
B
ns
tPZL
5.2
0.5
9.4
0.5
7.3
0.5
5.1
0.5
4.5
tPHZ
3
1
6.1
1
6.1
1
6.1
1
6.1
OE
A
ns
tPLZ
3
1
6.1
1
6.1
1
6.1
1
6.1
tPHZ
5
1
7.9
1
6.6
1
6.1
1
5.2
OE
B
ns
tPLZ
5
1
7.9
1
6.6
1
6.1
1
5.2
7.10 Switching Characteristics: VCCA = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 11)
VCCB = 1.2 V
VCCB = 1.5 V ± 0.1 V
VCCB = 1.8 V ± 0.15 V
VCCB = 2.5 V ± 0.2 V
VCCB = 3.3 V ± 0.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
3.2
0.5
5.5
0.5
4.4
0.5
3.2
0.5
2.7
A
B
ns
tPHL
3.2
0.5
5.5
0.5
4.4
0.5
3.2
0.5
2.7
tPLH
2.8
0.5
3.7
0.5
3.3
0.5
2.8
0.5
2.7
B
A
ns
tPHL
2.8
0.5
3.7
0.5
3.3
0.5
2.8
0.5
2.7
tPZH
2.2
0.5
4.3
0.5
4.2
0.5
4.1
0.5
4
OE
A
ns
tPZL
2.2
0.5
4.3
0.5
4.2
0.5
4.1
0.5
4
tPZH
5.1
0.5
9.3
0.5
7.2
0.5
4.9
0.5
4
OE
B
ns
tPZL
5.1
0.5
9.3
0.5
7.2
0.5
4.9
0.5
4
tPHZ
3.4
0.5
5
0.5
5
0.5
5
0.5
5
OE
A
ns
tPLZ
3.4
0.5
5
0.5
5
0.5
5
0.5
5
tPHZ
4.9
1
7.7
1
6.5
1
5.2
0.5
5
OE
B
ns
tPLZ
4.9
1
7.7
1
6.5
1
5.2
0.5
5
7.11 Operating Characteristics
TA = 25°C
VCCA = VCCB = 1.2 V
VCCA = VCCB = 1.5 V
VCCA = VCCB = 1.8 V
VCCA = VCCB = 2.5 V
VCCA = VCCB = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Outputs
1
1
1
1
2
enabled
A to B
Outputs
1
1
1
1
1
CL = 0,
disabled
CpdA
(1)
f = 10 MHz,
pF
Outputs
tr = tf = 1 ns
13
13
14
15
16
enabled
B to A
Outputs
1
1
1
1
1
disabled
Outputs
13
13
14
15
16
enabled
A to B
Outputs
1
1
1
1
1
CL = 0,
disabled
CpdB
(1)
f = 10 MHz,
pF
Outputs
tr = tf = 1 ns
1
1
1
1
2
enabled
B to A
Outputs
1
1
1
1
1
disabled
(1)
Power dissipation capacitance per transceiver. Refer to the TI application report, CMOS Power Consumption and Cpd Calculation,
SCAA035
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74AVC16T245


Numéro de pièce similaire - 74AVC16T245DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
565Kb / 23P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVC16T245DGGRE4 TI1-74AVC16T245DGGRE4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
More results

Description similaire - 74AVC16T245DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com