Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G74DCUR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G74DCUR
Description  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G74DCUR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G74DCUR Datasheet HTML 6Page - Texas Instruments SN74AUP1G74DCUR Datasheet HTML 7Page - Texas Instruments SN74AUP1G74DCUR Datasheet HTML 8Page - Texas Instruments SN74AUP1G74DCUR Datasheet HTML 9Page - Texas Instruments SN74AUP1G74DCUR Datasheet HTML 10Page - Texas Instruments SN74AUP1G74DCUR Datasheet HTML 11Page - Texas Instruments SN74AUP1G74DCUR Datasheet HTML 12Page - Texas Instruments SN74AUP1G74DCUR Datasheet HTML 13Page - Texas Instruments SN74AUP1G74DCUR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
SN74AUP1G74
SCES644D – MARCH 2006 – REVISED DECEMBER 2015
www.ti.com
6.10 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
FROM
TO
PARAMETER
VCC
TA
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
0.8 V
TA = 25°C
41
TA = 25°C
75
1.2 V ± 0.1 V
TA = –40°C to 85°C
50
TA = 25°C
95
1.5 V ± 0.1 V
TA = –40°C to 85°C
55
fmax
TA = 25°C
100
MHz
1.8 V ± 0.15 V
TA = –40°C to 85°C
60
TA = 25°C
150
2.5 V ± 0.2 V
TA = –40°C to 85°C
130
TA = 25°C
200
3.3 V ± 0.3 V
TA = –40°C to 85°C
160
0.8 V
TA = 25°C
35
TA = 25°C
2
12
23.1
1.2 V ± 0.1 V
TA = –40°C to 85°C
4.1
23.2
TA = 25°C
2
8
14.1
1.5 V ± 0.1 V
TA = –40°C to 85°C
2.9
14.6
Q
TA = 25°C
2
6
10.7
1.8 V ± 0.15 V
TA = –40°C to 85°C
2.4
11.3
TA = 25°C
2
4
7
2.5 V ± 0.2 V
TA = –40°C to 85°C
1.9
7.6
TA = 25°C
2
4
5.4
3.3 V ± 0.3 V
TA = –40°C to 85°C
1.6
5.9
CLK
0.8 V
TA = 25°C
32
TA = 25°C
2
11
21.8
1.2 V ± 0.1 V
TA = –40°C to 85°C
3.7
21.8
TA = 25°C
2
7
13.5
1.5 V ± 0.1 V
TA = –40°C to 85°C
2.6
14
tpd
Q
TA = 25°C
2
6
10.4
ns
1.8 V ± 0.15 V
TA = –40°C to 85°C
2.2
10.9
TA = 25°C
2
4
7.1
2.5 V ± 0.2 V
TA = –40°C to 85°C
1.7
7.5
TA = 25°C
2
3
5.4
3.3 V ± 0.3 V
TA = –40°C to 85°C
1.4
5.8
0.8 V
TA = 25°C
31
TA = 25°C
2
11
23
1.2 V ± 0.1 V
TA = –40°C to 85°C
2
22.9
TA = 25°C
2
7
14
1.5 V ± 0.1 V
TA = –40°C to 85°C
2
14.9
PRE or CLR
Q or Q
TA = 25°C
2
6
11
1.8 V ± 0.15 V
TA = –40°C to 85°C
2
11.7
TA = 25°C
2
4
7
2.5 V ± 0.2 V
TA = –40°C to 85°C
2
8.1
TA = 25°C
2
4
6
3.3 V ± 0.3 V
TA = –40°C to 85°C
1.5
6.4
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G74


Numéro de pièce similaire - SN74AUP1G74DCUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G74DCUR TI-SN74AUP1G74DCUR Datasheet
258Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUP1G74DCUR TI-SN74AUP1G74DCUR Datasheet
981Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUP1G74DCURG4 TI-SN74AUP1G74DCURG4 Datasheet
258Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUP1G74DCURG4 TI-SN74AUP1G74DCURG4 Datasheet
981Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Description similaire - SN74AUP1G74DCUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com