Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD351ID Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TD351ID
Description  Advanced IGBT/MOSFET driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD351ID Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button TD351ID Datasheet HTML 4Page - STMicroelectronics TD351ID Datasheet HTML 5Page - STMicroelectronics TD351ID Datasheet HTML 6Page - STMicroelectronics TD351ID Datasheet HTML 7Page - STMicroelectronics TD351ID Datasheet HTML 8Page - STMicroelectronics TD351ID Datasheet HTML 9Page - STMicroelectronics TD351ID Datasheet HTML 10Page - STMicroelectronics TD351ID Datasheet HTML 11Page - STMicroelectronics TD351ID Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Functional description
TD351
8/19
Doc ID 10977 Rev 2
5
Functional description
5.1
Input stage
The TD351 input is compatible with optocouplers or pulse transformers. The input is
triggered by the signal edge and allows the use of low-sized, low-cost pulse transformers.
Input is active low and output is driven high when input is driven low. The IN input is
internally clamped at about 5 V to 7 V. When using an open collector optocoupler, the
resistive pull-up resistor can be connected to either VREF or VH. Recommended pull-up
resistor value with VH = 16 V is from 4.7 k
Ω to 22 kΩ. When driven by a pulse transformer,
the input positive and negative pulse widths at the Vton and Vtoff threshold voltages must be
larger than the minimum pulse width tonmin (see Figure 6). This feature acts as a filter
against invalid input pulses smaller than tonmin.
5.2
Voltage reference
A voltage reference is used to create accurate timing for the turn-on delay with external
resistor and capacitor. The same circuitry is also used for the two-level turn-off delay. A
decoupling capacitor (10 nF to 100 nF) on the VREF pin is required to ensure good noise
rejection.
5.3
Active Miller clamp
The TD351 offers an alternative solution to the problem of Miller current in IGBT switching
applications. Instead of driving the IGBT gate to a negative voltage to increase the safety
margin, the TD351 uses a dedicated CLAMP pin to control the Miller current. When the
IGBT is off, a low impedance path is established between the IGBT gate and emitter to carry
the Miller current, and the voltage spike on the IGBT gate is greatly reduced. During turn-off,
the gate voltage is monitored and the clamp output is activated when the gate voltage goes
below 2 V (relative to VL). The clamp voltage is VL+4V max for a Miller current up to 500
mA. The clamp is disabled when the IN input is triggered again.
The CLAMP function does not affect the turn-off characteristic, but only keeps the gate at
low level throughout the OFF-time. The main benefit is that negative voltage can be avoided
in many cases, allowing a bootstrap technique for the high side driver supply.
5.4
Two-level turn-off
During turn-off, the gate voltage can be reduced to a programmable level in order to reduce
the IGBT current (in the event of overcurrent). This action prevents both dangerous
overvoltages across the IGBT and RBSOA problems, especially at short-circuit turn-off.
The turn-off (Ta) delay is programmable through external resistor Rd and capacitor Cd for
accurate timing.


Numéro de pièce similaire - TD351ID

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TD351ID STMICROELECTRONICS-TD351ID Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
TD351IDT STMICROELECTRONICS-TD351IDT Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
More results

Description similaire - TD351ID

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com