Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHC1G14DCKRG4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
SN74AHC1G14DCKRG4 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 23 page WORST BETTER BEST 1W min. W SN74AHC1G14 www.ti.com SCLS321Q – MARCH 1996 – REVISED SEPTEMBER 2015 10 Power Supply Recommendations The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the Recommended Operating Conditions table. Each VCC terminal must have a good bypass capacitor to prevent power disturbance. For devices with a single supply, a 0.1- μF bypass capacitor is recommended. If multiple pins are labeled VCC, then a 0.01-μF or 0.022-μF capacitor is recommended for each VCC because the VCC pins are tied together internally. For devices with dual- supply pins operating at different voltages, for example VCC and VDD, a 0.1-µF bypass capacitor is recommended for each supply pin. To reject different frequencies of noise, use multiple bypass capacitors in parallel. Capacitors with values of 0.1 μF and 1 μF are commonly used in parallel. The bypass capacitor must be installed as close as possible to the power terminal for best results. 11 Layout 11.1 Layout Guidelines Reflections and matching are closely related to the loop antenna theory but are different enough to be discussed separately from the theory. When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection occurs primarily because of the change of width of the trace. At the apex of the turn, the trace width increases to 1.414 times the width. This increase upsets the transmission-line characteristics, especially the distributed capacitance and self-inductance of the trace, which results in the reflection. Not all PCB traces can be straight; therefore some traces must turn corners. Figure 7 shows progressively better techniques of rounding corners. Only the last example (BEST) maintains constant trace width and minimizes reflections. 11.2 Layout Example Figure 7. Trace Example Copyright © 1996–2015, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: SN74AHC1G14 |
Numéro de pièce similaire - SN74AHC1G14DCKRG4 |
|
Description similaire - SN74AHC1G14DCKRG4 |