Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC05DTG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HC05DTG4
Description  Hex Inverters With Open-Drain Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC05DTG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74HC05DTG4 Datasheet HTML 4Page - Texas Instruments SN74HC05DTG4 Datasheet HTML 5Page - Texas Instruments SN74HC05DTG4 Datasheet HTML 6Page - Texas Instruments SN74HC05DTG4 Datasheet HTML 7Page - Texas Instruments SN74HC05DTG4 Datasheet HTML 8Page - Texas Instruments SN74HC05DTG4 Datasheet HTML 9Page - Texas Instruments SN74HC05DTG4 Datasheet HTML 10Page - Texas Instruments SN74HC05DTG4 Datasheet HTML 11Page - Texas Instruments SN74HC05DTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Buffer Function
VPU
HC05
uC or Logic
HC05
uC or Logic
Wired OR
uC or Logic
uC or Logic
HC05
VPU
Basic LED Driver
SN54HC05, SN74HC05
SCLS080E – FEBRUARY 2015 – REVISED MARCH 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74HC05 device is a low drive open-drain CMOS device that can be used for a multitude of buffer type
functions. The open-drain output can be pulled to any voltage between GND and VCC making them Ideal for
down translation.
9.2 Typical Application
Figure 5. Simplified Application Schematic
9.2.1 Design Requirements
This device uses CMOS technology and is open-drain so it has low-output drive only. Take care to avoid bus
contention because it can drive currents that would exceed maximum limits. Parallel output drive can create fast
edges into light loads so consider routing and load conditions to prevent ringing.
9.2.2 Detailed Design Procedure
Recommended input conditions:
Rise time and fall time specs see (
Δt/ΔV) in Recommended Operating Conditions.
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions.
Recommended output conditions:
Load currents should not exceed 25 mA per output and 50 mA total for the part.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN54HC05 SN74HC05


Numéro de pièce similaire - SN74HC05DTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC05DTG4 TI-SN74HC05DTG4 Datasheet
624Kb / 16P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
More results

Description similaire - SN74HC05DTG4

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com