Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM4002 Fiches technique(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

No de pièce FM4002
Description  GENERAL PURPOSE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Site Internet  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

FM4002 Fiches technique(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  FM4002 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. FM4002 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
◇ Glass passivated device
◇ Ideal for surface mouted applications
◇ Low leakage current
◇ Metallurgically bonded construction
MECHANICAL DATA
◇ Case:JEDEC DO-213AB,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.0046 ounces, 0.116 gram
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
4001
4003
4004
4005
4006
4007
Maximum recurrent peak reverse voltage
VRRM
50
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
200
400
600
800
1000
V
Maximum average forword
rectified current
TA=75℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
on rated load (JEDEC method)
Maximum forward voltage at 1.0A
VF
V
Maximum DC reverse current
@TA=25℃
at rated DC blockjing voltage @TA=125℃
Typical junction capacitance (NOTE 1)
Cj
pF
Typical thermal resistance
(NOTE 2)
RjθL
℃/W
Typical thermal resistance
(NOTE 3)
RjθA
℃/W
Operating temperature range
Tj
Storage temperature range
TSTG
2. Thermal resistance junction to lead, 6.0 mm
2 coppeer pads to each terminal.
3. Thermal resistance junction to ambient, 6.0 mm
2 coppeer pads to each terminal.
IFSM
1.1
FM
FM
FM
- 55 --- + 175
A
MELF
70
100
μA
15
30
20
50
4002
UNITS
FM
FM
FM
FM
50
100
5.0
NOTES:1. Measured at 1.0MHz and applied average voltage of 4.0V DC.
A
IR
- 55 --- + 175
I(AV)
1.0
FM4001 THRU FM4007
GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
www.shunyegroup.com.cn


Numéro de pièce similaire - FM4002

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
FM4002 RECTRON-FM4002 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4002 FORMOSA-FM4002 Datasheet
67Kb / 2P
   Glass passivated type
FM4002 FORMOSA-FM4002 Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4002 FORMOSA-FM4002 Datasheet
21Kb / 1P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4002 PACELEADER-FM4002 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results

Description similaire - FM4002

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Shanghai Shunye Electro...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1A1 DIOTECH-1A1 Datasheet
681Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com