Moteur de recherche de fiches techniques de composants électroniques |
|
LD39050PU33R Fiches technique(PDF) 10 Page - STMicroelectronics |
|
LD39050PU33R Fiches technique(HTML) 10 Page - STMicroelectronics |
10 / 28 page Electrical characteristics LD39050 10/28 DocID15470 Rev 3 PG Power Good output threshold Rising edge 0.92* VOUT V Falling edge 0.8* VOUT Power Good output voltage low Isink = 6 mA open drain output 0.4 V ISC Short-circuit current RL = 0 600 800 mA VEN Enable input logic low VIN = 1.5 V to 5.5 V, - 40 °C < TJ < 125 °C 0.4 V Enable input logic high VIN = 1.5 V to 5.5 V, -40 °C < TJ < 125 °C 0.9 V IEN Enable pin input current VEN = VIN 0.1 100 nA tON Turn-on time (4) 30 µs TSHDN Thermal shutdown 160 °C Hysteresis 20 COUT Output capacitor Capacitance (see typical performance characteristics for stability) 122 µF 1. All transient values are guaranteed by design, not production tested 2. Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This specification does not apply to output voltages below 1.5 V 3. PG pin floating 4. Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage just reaching 95% of its nominal value Table 6. Electrical characteristics for the LD39050 (fixed output) (continued) Symbol Parameter Test conditions Min. Typ. Max. Unit |
Numéro de pièce similaire - LD39050PU33R |
|
Description similaire - LD39050PU33R |