Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STU7LN80K5 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STU7LN80K5
Description  Zener-protected
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7LN80K5 Fiches technique(HTML) 1 Page - STMicroelectronics

  STU7LN80K5 Datasheet HTML 1Page - STMicroelectronics STU7LN80K5 Datasheet HTML 2Page - STMicroelectronics STU7LN80K5 Datasheet HTML 3Page - STMicroelectronics STU7LN80K5 Datasheet HTML 4Page - STMicroelectronics STU7LN80K5 Datasheet HTML 5Page - STMicroelectronics STU7LN80K5 Datasheet HTML 6Page - STMicroelectronics STU7LN80K5 Datasheet HTML 7Page - STMicroelectronics STU7LN80K5 Datasheet HTML 8Page - STMicroelectronics STU7LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2016
DocID028830 Rev 1
1/12
This is information on a product in full production.
www.st.com
STU7LN80K5
N-
channel 800 V, 0.95 Ω typ., 5 A MDmesh™ K5
Power MOSFET in a IPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STU7LN80K5
800 V
1.15 Ω
5 A
Industry’s lowest RDS(on) x area
Industry’s best figure of merit (FoM)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STU7LN80K5
7LN80K5
IPAK
Tube
3
2
1
TAB
IPAK


Numéro de pièce similaire - STU7LN80K5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STU70N2LH5 STMICROELECTRONICS-STU70N2LH5 Datasheet
232Kb / 12P
   N-channel 25 V, 0.006 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
logo
VBsemi Electronics Co.,...
STU70N2LH5 VBSEMI-STU70N2LH5 Datasheet
861Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STU70R1K3S STMICROELECTRONICS-STU70R1K3S Datasheet
232Kb / 12P
   N-channel 700 V, 1.3 Ω typ., 5 A Power MOSFET in an IPAK package
Rev 2 - August 2020
STU75N3LLH6 STMICROELECTRONICS-STU75N3LLH6 Datasheet
1Mb / 21P
   N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
logo
VBsemi Electronics Co.,...
STU75N3LLH6 VBSEMI-STU75N3LLH6 Datasheet
893Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - STU7LN80K5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com