Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD7S019 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPD7S019
Description  7-Channel Integrated ESD Solution for VGA Port
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD7S019 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPD7S019_15 Datasheet HTML 7Page - Texas Instruments TPD7S019_15 Datasheet HTML 8Page - Texas Instruments TPD7S019_15 Datasheet HTML 9Page - Texas Instruments TPD7S019_15 Datasheet HTML 10Page - Texas Instruments TPD7S019_15 Datasheet HTML 11Page - Texas Instruments TPD7S019_15 Datasheet HTML 12Page - Texas Instruments TPD7S019_15 Datasheet HTML 13Page - Texas Instruments TPD7S019_15 Datasheet HTML 14Page - Texas Instruments TPD7S019_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TPD7S019
www.ti.com
SLLSE33C – AUGUST 2010 – REVISED NOVEMBER 2015
10 Layout
10.1 Layout Guidelines
The optimum placement of this device is as close to the connector as possible. EMI during an ESD event can
couple from the trace being struck to other nearby unprotected traces, resulting in early system failures.
Therefore, the PCB designer needs to minimize the possibility of EMI coupling by keeping any unprotected
traces away from the protected traces which are between the TVS and the connector.
Route the protected traces as straight as possible.
Avoid using VIAs between the connecter and an I/O protection pin on TPD7S019.
Avoid 90º turns in traces since electric fields tend to build up on corners, increasing EMI coupling.
Minimize impedance on the path to GND for maximum ESD dissipation.
The capacitors on VCC_VIDEO, VCC_DDC and VCC_=SYNC should be placed close to their respective pins.
The VIDEO lines internal protection circuits are the same and thus these pins are interchangeable for routing.
10.2 Layout Example
Figure 9. Simplified Layout With TPD7S019 (Only IO Lines are Shown)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPD7S019


Numéro de pièce similaire - TPD7S019_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD7S019-15DBQR TI-TPD7S019-15DBQR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15DBQR TI1-TPD7S019-15DBQR Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15RSVR TI-TPD7S019-15RSVR Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019-15RSVR TI1-TPD7S019-15RSVR Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
More results

Description similaire - TPD7S019_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD7S019 TI-TPD7S019 Datasheet
703Kb / 12P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019_1008 TI1-TPD7S019_1008 Datasheet
836Kb / 14P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
TPD7S019 TI1-TPD7S019_14 Datasheet
1Mb / 18P
[Old version datasheet]   7-CHANNEL INTEGRATED ESD SOLUTION FOR VGA PORT WITH INTEGRATED LEVEL SHIFTER AND MATCHING IMPEDANCE
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
Micrel Semiconductor
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
   Integrated Multi-Port PCI Gateway Solution
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com