Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4F202 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPD4F202
Description  Four or Six-Channel EMI Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4F202 Fiches technique(HTML) 5 Page - Texas Instruments

  TPD4F202_15 Datasheet HTML 1Page - Texas Instruments TPD4F202_15 Datasheet HTML 2Page - Texas Instruments TPD4F202_15 Datasheet HTML 3Page - Texas Instruments TPD4F202_15 Datasheet HTML 4Page - Texas Instruments TPD4F202_15 Datasheet HTML 5Page - Texas Instruments TPD4F202_15 Datasheet HTML 6Page - Texas Instruments TPD4F202_15 Datasheet HTML 7Page - Texas Instruments TPD4F202_15 Datasheet HTML 8Page - Texas Instruments TPD4F202_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPD4F202, TPD6F202
www.ti.com
SLLS800A – JUNE 2010 – REVISED DECEMBER 2015
6.2 ESD Ratings — JEDEC
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±15000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings — IEC
VALUE
UNIT
IEC 61000-4-2 contact discharge
±25000
Electrostatic
V(ESD)
V
discharge
IEC 61000-4-2 air-gap discharge
±25000
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
I/O to GND
0
5.5
V
TA
Ambient temperature
–40
85
°C
6.5 Thermal Information
TPD4F202
TPD6F202
THERMAL METRIC(1)
YFU (DSBGA)
YFU (DSBGA)
UNIT
10 PINS
15 PINS
RθJA
Junction-to-ambient thermal resistance
91.8
72
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1
0.6
°C/W
RθJB
Junction-to-board thermal resistance
19.7
14.1
°C/W
ψJT
Junction-to-top characterization parameter
0.5
0.3
°C/W
ψJB
Junction-to-board characterization parameter
19.7
14.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.6 Electrical Characteristics
TA = –40°C to 85°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VBR
DC breakdown voltage
IIO = 10 μA
6
V
R
Resistance
85
100
115
C
Capacitance (C1 or C2)
VIO = 3.3 V, ƒ = 1 MHz
15
pF
IIO
Channel leakage current
VIO = 3.3 V
10
nA
fC
Cut-off frequency
ZSOURCE = 50 Ω, ZLOAD = 50 Ω
108
MHz
(1)
Typical values are at TA = 25°C.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD4F202 TPD6F202


Numéro de pièce similaire - TPD4F202_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
[Old version datasheet]   FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
More results

Description similaire - TPD4F202_15

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
EMI7204MU ONSEMI-EMI7204MU Datasheet
187Kb / 7P
   Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
September, 2010 ??Rev. 0
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
   Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
[Old version datasheet]   FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
[Old version datasheet]   SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
   SIX LINE EMI FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF4107FC ONSEMI-NUF4107FC_06 Datasheet
133Kb / 5P
   Four Channel EMI Pi?묯ilter Array with Full USB Filter
March, 2006 ??Rev. 3
logo
Siemens Semiconductor G...
PEB2465 SIEMENS-PEB2465 Datasheet
1Mb / 88P
   Four Channel Codec Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com