Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPTIC-68G1H5 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STPTIC-68G1H5
Description  Parascan tunable integrated capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-68G1H5 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STPTIC-68G1H5 Datasheet HTML 3Page - STMicroelectronics STPTIC-68G1H5 Datasheet HTML 4Page - STMicroelectronics STPTIC-68G1H5 Datasheet HTML 5Page - STMicroelectronics STPTIC-68G1H5 Datasheet HTML 6Page - STMicroelectronics STPTIC-68G1H5 Datasheet HTML 7Page - STMicroelectronics STPTIC-68G1H5 Datasheet HTML 8Page - STMicroelectronics STPTIC-68G1H5 Datasheet HTML 9Page - STMicroelectronics STPTIC-68G1H5 Datasheet HTML 10Page - STMicroelectronics STPTIC-68G1H5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID023772 Rev 4
7/13
STPTIC
Package information
13
Figure 7. Recommended PCB land pattern for Flip Chip package (metal defined pads,
solder mask 25 µm larger)
Figure 8. Recommended PCB land pattern for Flip Chip PTIC (die size 650 x 1200)
170 µm
225 µm
260 µm
250 x 230 µm
250 x 500 µm
200 x 180 µm
200 x 750 µm
Solder mask
Metal defined pads
Solder mask
Metal defined pads
PTIC die size
650 X 1200 µm
250 x 230 µm
250 x 800 µm


Numéro de pièce similaire - STPTIC-68G1H5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPTIC-68G1H5 STMICROELECTRONICS-STPTIC-68G1H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

Description similaire - STPTIC-68G1H5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com