Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB7ANM60N Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STB7ANM60N
Description  Low input capacitance and gate charge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7ANM60N Fiches technique(HTML) 5 Page - STMicroelectronics

  STB7ANM60N Datasheet HTML 1Page - STMicroelectronics STB7ANM60N Datasheet HTML 2Page - STMicroelectronics STB7ANM60N Datasheet HTML 3Page - STMicroelectronics STB7ANM60N Datasheet HTML 4Page - STMicroelectronics STB7ANM60N Datasheet HTML 5Page - STMicroelectronics STB7ANM60N Datasheet HTML 6Page - STMicroelectronics STB7ANM60N Datasheet HTML 7Page - STMicroelectronics STB7ANM60N Datasheet HTML 8Page - STMicroelectronics STB7ANM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID023350 Rev 2
5/20
STB7ANM60N, STD7ANM60N
Electrical characteristics
20
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
Source-drain current
-
5
A
I
SDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
20
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 5 A, V
GS
= 0
-
1.3
V
t
rr
Reverse recovery time
I
SD
= 5 A, di/dt = 100 A/μs
V
DD
= 60 V (see
Figure 20)
-
213
ns
Q
rr
Reverse recovery charge
-
1.5
μC
I
RRM
Reverse recovery current
-
14
A
t
rr
Reverse recovery time
I
SD
= 5 A, di/dt = 100 A/μs
V
DD
= 60 V, T
j
= 150 °C
(see
Figure 20)
-
265
ns
Q
rr
Reverse recovery charge
-
1.8
μC
I
RRM
Reverse recovery current
-
14
A


Numéro de pièce similaire - STB7ANM60N

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
STB7ANM60N ISC-STB7ANM60N Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB7ANM60N VBSEMI-STB7ANM60N Datasheet
1Mb / 10P
   N-Channel 650V (D-S)Power MOSFET
More results

Description similaire - STB7ANM60N

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com