Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAP16DPPS05XTTR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STAP16DPPS05XTTR
Description  Low voltage 16-bit constant current LED sink driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05XTTR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STAP16DPPS05XTTR Datasheet HTML 4Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 5Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 6Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 7Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 8Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 9Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 10Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 11Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Electrical ratings
STAP16DPPS05
8/33
DocID024306 Rev 6
2.3
Recommended operating conditions
Table 6. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
3.0
-
5.5
V
VO
Output voltage
-
20
V
IO
Output current
OUTn
3
-
40
mA
IOH
Output current
SeriaL-OUT
-
+1
mA
IOL
Output current
Serial-OUT
-
-1
mA
VIH
Input voltage
0.7 VDD
-VDD
V
VIL
Input voltage
-0.3
-
0.3 VDD
V
twLAT
LE/DM1 pulse width
VDD = 3.0 V to 5.0 V
20
-
ns
twCLK
CLK pulse width
10
-
ns
twEN
OE/DM2 pulse width
100
-
ns
tSETUP(D) Setup time for DATA
8
-
ns
tHOLD(D) Hold time for DATA
5
-
ns
tSETUP(L) Setup time for LATCH
8
-
ns
fCLK
Clock frequency
Cascade operation (1)
1.
If the device is connected in cascade, it may not be possible to achieve the maximum data transfer. Please
consider the timings carefully.
-30
MHz


Numéro de pièce similaire - STAP16DPPS05XTTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
STAP16DPS05XTTR STMICROELECTRONICS-STAP16DPS05XTTR Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
More results

Description similaire - STAP16DPPS05XTTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
   Low voltage 16-bit constant current LED sink driver
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com