Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS6133D Fiches technique(PDF) 14 Page - Infineon Technologies AG

No de pièce BTS6133D
Description  Smart Highside Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6133D Fiches technique(HTML) 14 Page - Infineon Technologies AG

Back Button BTS6133D Datasheet HTML 7Page - Infineon Technologies AG BTS6133D Datasheet HTML 8Page - Infineon Technologies AG BTS6133D Datasheet HTML 9Page - Infineon Technologies AG BTS6133D Datasheet HTML 10Page - Infineon Technologies AG BTS6133D Datasheet HTML 11Page - Infineon Technologies AG BTS6133D Datasheet HTML 12Page - Infineon Technologies AG BTS6133D Datasheet HTML 13Page - Infineon Technologies AG BTS6133D Datasheet HTML 14Page - Infineon Technologies AG BTS6133D Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data sheet BTS 6133 D
Infineon Technologies AG
14 of 15
2003-Oct-01
Figure 4b: Overload
Tj<Tjt
I
IN
t
I
L
V
bb
I
S
-V
OUT
V =1V typ.
ON
R *I
ON L,lim
I
L
k
ilis
I
IS,lim
I
IS,fault
Figure 5a: Undervoltage restart of charge pump,
overvoltage clamp
0
010
12
VOUT
VbIN(ucp)
VIN = 0
IIN = 0
V
ON(CL)
VON(CL)
VbIN(u)
VbIN(u)
dynamic, short
Undervoltage
not below
Vbb
Figure 6a: Current sense versus load current:
0
1
2
010
20
I L
[A]
[mA] IIS
30
40
3
IL,lim
4
IIS(LH)
IIS,lim
Figure 6b: Current sense ratio21:
0
5000
10000
15000
010
20
IL
[A]
kILIS
5
Approximate solution for worst case, minimum
detectable load current:
I
L (MIN) = I IS(LH) ·k
ILIS (max@30A)
21
This range for the current sense ratio refers to all
devices. The accuracy of the k
ILIS can be raised by
means of calibration the value of k
ILIS for every
single device.


Numéro de pièce similaire - BTS6133D

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS6110-1SJA INFINEON-BTS6110-1SJA Datasheet
1Mb / 24P
   Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
BTS6110-1SJA INFINEON-BTS6110-1SJA_15 Datasheet
1Mb / 24P
   Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Description similaire - BTS6133D

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com