Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1042VDRQ1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1042VDRQ1
Description  Automotive Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042VDRQ1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TCAN1042VDRQ1 Datasheet HTML 3Page - Texas Instruments TCAN1042VDRQ1 Datasheet HTML 4Page - Texas Instruments TCAN1042VDRQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042VDRQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042VDRQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042VDRQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042VDRQ1 Datasheet HTML 9Page - Texas Instruments TCAN1042VDRQ1 Datasheet HTML 10Page - Texas Instruments TCAN1042VDRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
www.ti.com
SLLSES9 – FEBRUARY 2016
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions with TA = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CI
Input Capacitance
5
pF
RXD TERMINAL (CAN RECEIVE DATA OUTPUT)
VOH
HIGH level output voltage
Devices with the "V" suffix (I/O Level
Shifting Devices), See Figure 6, IO =
–2 mA.
0.8 × VIO
V
Devices without the "V" suffix (5V
only), See Figure 6, IO = –2 mA.
4
4.6
VOL
LOW level output voltage
Devices with the "V" suffix (I/O Level
Shifting Devices), See Figure 6, IO =
+2 mA.
0.2 x
VIO
Devices without the "V" suffix (5V
only), See Figure 6, IO = +2 mA.
0.2
0.4
Ilkg(OFF)
Unpowered leakage current
RXD = 5.5 V, VCC = 0 V, VIO = 0 V
–1
0
1
µA
DRIVER ELECTRICAL CHARACTERISTICS
VO(D)
Bus output voltage
(dominant)
CANH
See Figure 13 and Figure 5, TXD = 0
V, STB = 0 V, 50
Ω ≤ RL ≤ 65 Ω, CL =
open, RCM = open
2.75
4.5
V
CANL
0.5
2.25
VO(R)
Bus output voltage
(recessive)
CANH and CANL
See Figure 13 and Figure 5, TXD =
VCC or VIO, VIO = VCC, STB = 0 V , RL
= open (no load), RCM = open
2
0.5 ×
VCC
3
VOD(D)
Differential output
voltage (dominant)
CANH - CANL
See Figure 13 and Figure 5, TXD = 0
V, STB = 0 V, 50
Ω ≤ RL ≤ 65 Ω, CL =
open, RCM = open
1.5
3
See Figure 13 and Figure 5, TXD = 0
V, STB = 0 V, 45
Ω ≤ RL < 50 Ω, CL =
open, RCM = open
1.4
3
VOD(R)
Differential output
voltage (recessive)
CANH - CANL
See Figure 13 and Figure 5, TXD =
VCC, STB = 0 V, RL = 60 Ω, CL = open,
RCM = open
–120
12
mV
See Figure 13 and Figure 5, TXD =
VCC, STB = 0 V, RL = open (no load),
CL = open, RCM = open
–50
50
VSYM
Output symmetry (dominant or recessive)
(VCC – VO(CANH) – VO(CANL))
See Figure 13 and Figure 5, STB at 0
V, RL = 60 Ω, CL = open, RCM = open
–0.4
0.4
V
IOS(SS_DOM)
Short circuit steady-state output current,
Dominant
See Figure 13 and Figure 11, STB at 0
V, VCANH = 0 V, CANL = open, TXD =
0 V
–100
mA
See Figure 13 and Figure 11, STB at 0
V, VCANL = 32 V, CANH = open, TXD =
0 V
100
IOS(SS_REC)
Short circuit steady-state output current,
Recessive
See Figure 13 and Figure 11, STB at 0
V, –20 V
≤ VBUS ≤ 32 V, Where VBUS =
CANH = CANL, TXD = VCC, Normal
Mode
–5
5
mA
RECEIVER ELECTRICAL CHARACTERISTICS
CM
Common mode range, normal mode
See Figure 6 and Table 1, STB = 0 V
-30
+30
V
VIT+
Positive-going input threshold voltage,
normal mode
See Figure 6, Table 6 and Table 1,
STB = 0 V, -20 V
≤ CM ≤ +20 V
900
mV
VIT–
Negative-going input threshold voltage,
normal mode
500
VIT+
Positive-going input threshold voltage,
normal mode
See Figure 6, Table 6 and Table 1,
STB = 0 V, -30 V
≤ CM ≤ +30 V
1000
VIT–
Negative-going input threshold voltage,
normal mode
400
VHYS
Hysteresis voltage (VIT+ - VIT–), normal
mode
See Figure 6, Table 6 and Table 1,
STB = 0 V
120


Numéro de pièce similaire - TCAN1042VDRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042VDRQ1 TI1-TCAN1042VDRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042VDRQ1 TI1-TCAN1042VDRQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Description similaire - TCAN1042VDRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com