Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCAN1042GDRQ1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCAN1042GDRQ1
Description  Automotive Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042GDRQ1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TCAN1042GDRQ1 Datasheet HTML 2Page - Texas Instruments TCAN1042GDRQ1 Datasheet HTML 3Page - Texas Instruments TCAN1042GDRQ1 Datasheet HTML 4Page - Texas Instruments TCAN1042GDRQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042GDRQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042GDRQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042GDRQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042GDRQ1 Datasheet HTML 9Page - Texas Instruments TCAN1042GDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9 – FEBRUARY 2016
www.ti.com
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VIO = 5 V, RL = 60 Ω.
7.5 Electrical Characteristics
Over recommended operating conditions with TA = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY CHARACTERISTICS
ICC
5-V Supply current
Normal Mode
(Driving Dominant)
See Figure 5, TXD = 0 V, RL = 60 Ω,
CL = open, RCM = open, STB = 0 V,
Typical Bus Load
40
70
mA
See Figure 5, TXD = 0 V, RL = 50 Ω,
CL = open, RCM = open, STB = 0 V,
High Bus Load
45
80
Normal Mode
(Driving Dominant –
with bus fault)
See Figure 5, TXD = 0 V, STB = 0V,
CANH = -12V, RL = open, CL = open,
RCM = open
180
Normal Mode
(Recessive)
See Figure 5, TXD = VCC or VIO, RL =
50
Ω, CL = open, RCM = open, STB =
0V
1.5
2.5
Standby Mode
Devices with the "V" suffix (I/O Level
Shifting Devices), VCC not needed in
Standby Mode, See Figure 5, TXD =
VIO, RL = 50 Ω, CL = open, RCM =
open, STB = VIO
0.5
5
µA
Devices without the "V" suffix (5V
only), See Figure 5, TXD = VCC, RL =
50
Ω, CL = open, RCM = open, STB =
VCC
22
IIO
I/O Supply Current
Normal Mode
RXD floating, TXD = STB = 0 or 5.5 V
90
300
Standby Mode
RXD floating, TXD = STB = VIO, VCC =
0 or 5.5 V
12
17
UVVCC
Rising Undervoltage detection on VCC for
protected mode
4.2
4.4
V
Falling Undervoltage detection on VCC for
protected mode
3.8
4.0
4.25
VHYS(UVVCC) Hysteresis voltage on UVVCC
200
mV
UV(VIO)
Undervoltage detection on VIO for
protected mode
Devices with the "V" suffix (I/O Level
Shifting Devices)
1.3
2.75
V
VHYS(UVIO)
Hysteresis voltage on UVIO
80
mV
STB TERMINAL (MODE SELECT INPUT)
VIH
HIGH-level input voltage
Devices with the "V" suffix (I/O Level
Shifting Devices)
0.7 x VIO
V
Devices without the "V" suffix (5V only)
2
VIL
LOW-level input voltage
Devices with the "V" suffix (I/O Level
Shifting Devices)
0.3 x
VIO
Devices without the "V" suffix (5V only)
0.8
IIH
HIGH-level input leakage current
STB = VCC = VIO = 5.5 V
-2
2
µA
IIL
Low-level input leakage current
STB = 0V, VCC = VIO = 5.5 V
–20
0
-2
Ilkg(OFF)
Unpowered leakage current
STB = 5.5 V, VCC = VIO = 0 V
-1
0
1
TXD TERMINAL (CAN TRANSMIT DATA INPUT)
VIH
HIGH level input voltage
Devices with the "V" suffix (I/O Level
Shifting Devices)
0.7 x VIO
V
Devices without the "V" suffix (5V only)
2
VIL
LOW level input voltage
Devices with the "V" suffix (I/O Level
Shifting Devices)
0.3 x
VIO
V
Devices without the "V" suffix (5V only)
0.8
IIH
HIGH level input leakage current
TXD = VCC = VIO = 5.5 V
–2.5
0
1
µA
IIL
Low level input leakage current
TXD = 0V, VCC = VIO = 5.5 V
–100
-25
–7
µA
Ilkg(OFF)
Unpowered leakage current
TXD = 5.5 V, VCC = VIO = 0 V
–1
0
1
µA


Numéro de pièce similaire - TCAN1042GDRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042GDRQ1 TI1-TCAN1042GDRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042GDRQ1 TI1-TCAN1042GDRQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Description similaire - TCAN1042GDRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com