Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C752CIPFBRQ1 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL16C752CIPFBRQ1
Description  Dual UART
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752CIPFBRQ1 Fiches technique(HTML) 2 Page - Texas Instruments

  TL16C752CIPFBRQ1 Datasheet HTML 1Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 2Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 3Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 4Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 5Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 6Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 7Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 8Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
TL16C752CI-Q1
SLLSEQ9A – OCTOBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TL16C752CI-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 3
6
Pin Configurations and Function ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 8
7.5
Electrical Characteristics........................................... 8
7.6
Timing Requirements .............................................. 10
7.7
Typical Characteristics ............................................ 14
8
Detailed Description ............................................ 16
8.1
Overview ................................................................. 16
8.2
Functional Block Diagram ....................................... 16
8.3
Feature Description................................................. 17
8.4
Device Functional Modes........................................ 27
8.5
Register Maps ......................................................... 29
9
Application and Implementation ........................ 45
9.1
Application Information............................................ 45
9.2
Typical Application .................................................. 45
10
Power Supply Recommendations ..................... 48
11
Layout................................................................... 48
11.1
Layout Guidelines ................................................. 48
11.2
Layout Example .................................................... 49
12
Device and Documentation Support ................. 50
12.1
Community Resource............................................ 50
12.2
Trademarks ........................................................... 50
12.3
Electrostatic Discharge Caution ............................ 50
12.4
Glossary ................................................................ 50
13
Mechanical, Packaging, and Orderable
Information ........................................................... 50
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (October 2015) to Revision A
Page
Changed the operating temperature range from –40°C to 85°C to –40°C to +105°C ........................................................... 1
Changed the Device Information table Body Size column From: 3.67 mm x 3.67 mm To: 7.00 mm x 7.00 mm ................. 1
Changed NC pin number 35 to 25 ........................................................................................................................................ 5
Changed the CDM value from ±500 to ±1000 ....................................................................................................................... 6


Numéro de pièce similaire - TL16C752CIPFBRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C752CIPFBR TI-TL16C752CIPFBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Description similaire - TL16C752CIPFBRQ1

FabricantNo de pièceFiches techniqueDescription
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
[Old version datasheet]   Dual Independent UART
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
logo
Future Technology Devic...
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
logo
Exar Corporation
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
logo
Future Technology Devic...
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
logo
Exar Corporation
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com