Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA6507ZXUR Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TCA6507ZXUR
Description  Low-Voltage 7-Bit I2C and SMBus LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6507ZXUR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TCA6507ZXUR Datasheet HTML 6Page - Texas Instruments TCA6507ZXUR Datasheet HTML 7Page - Texas Instruments TCA6507ZXUR Datasheet HTML 8Page - Texas Instruments TCA6507ZXUR Datasheet HTML 9Page - Texas Instruments TCA6507ZXUR Datasheet HTML 10Page - Texas Instruments TCA6507ZXUR Datasheet HTML 11Page - Texas Instruments TCA6507ZXUR Datasheet HTML 12Page - Texas Instruments TCA6507ZXUR Datasheet HTML 13Page - Texas Instruments TCA6507ZXUR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
SCL
SDA
SDA LOAD CONFIGURATION
1
2
V
CC
R = 1 k
L
C = 50 pF
(see Note A)
L
DUT
SDA
Three Bytes for Complete
Device Programming
Stop
Condition
(P)
Start
Condition
(S)
Address
Bit 7
(MSB)
Address
Bit 6
Address
Bit 1
R/
Bit 0
(LSB)
W
ACK
(A)
Data
Bit 7
(MSB)
Data
Bit 0
(LSB)
Stop
Condition
(P)
0.7
V
×
CC
0.3
V
×
CC
VOLTAGE WAVEFORMS
Start or
Repeat Start
Condition
Repeat Start
Condition
Stop
Condition
BYTE
DESCRIPTION
I C address
2
Command
0.7
V
×
CC
0.3
V
×
CC
t
scl
t
sch
t
buf
t
icf
t
icf
t
icr
t
sth
t
icr
t
sds
t
sp
t
sdh
t
PHL
t
PLH
t
sts
t
sps
3
P-port data
TCA6507
SCPS164C – MAY 2007 – REVISED JANUARY 2016
www.ti.com
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 8. I2C Interface Load Circuit and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: TCA6507


Numéro de pièce similaire - TCA6507ZXUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6507ZXUR TI-TCA6507ZXUR Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507ZXUR TI-TCA6507ZXUR Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
More results

Description similaire - TCA6507ZXUR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
logo
Texas Instruments
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
139Kb / 12P
   Low Voltage I2C/SMBus Accelerator
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com