Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA6507PWG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA6507PWG4
Description  Low-Voltage 7-Bit I2C and SMBus LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6507PWG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TCA6507PWG4 Datasheet HTML 3Page - Texas Instruments TCA6507PWG4 Datasheet HTML 4Page - Texas Instruments TCA6507PWG4 Datasheet HTML 5Page - Texas Instruments TCA6507PWG4 Datasheet HTML 6Page - Texas Instruments TCA6507PWG4 Datasheet HTML 7Page - Texas Instruments TCA6507PWG4 Datasheet HTML 8Page - Texas Instruments TCA6507PWG4 Datasheet HTML 9Page - Texas Instruments TCA6507PWG4 Datasheet HTML 10Page - Texas Instruments TCA6507PWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TCA6507
www.ti.com
SCPS164C – MAY 2007 – REVISED JANUARY 2016
6.6 I
2C Interface Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 8)
STANDARD MODE
FAST MODE
I2C BUS
I2C BUS
UNIT
MIN
MAX
MIN
MAX
fscl
I2C clock frequency
0
100
0
400
kHz
tsch
I2C clock high time
4
0.6
μs
tscl
I2C clock low time
4.7
1.3
μs
tsp
I2C spike time
50
50
ns
tsds
I2C serial-data setup time
250
100
ns
tsdh
I2C serial-data hold time
0
0
ns
ticr
I2C input rise time
1000
20 + 0.1Cb
(1)
300
ns
ticf
I2C input fall time
300
20 + 0.1Cb
(1)
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
300
20 + 0.1Cb
(1)
250
ns
tbuf
I2C bus free time between STOP and START conditions
4.7
1.3
μs
tsts
I2C START or repeated START condition setup
4.7
0.6
μs
tsth
I2C START or repeated START condition hold
4
0.6
μs
tsps
I2C STOP condition setup
4
0.6
μs
tvd(data)
Valid-data time
SCL low to SDA output valid
1
1
μs
ACK signal from SCL low to
tvd(ack)
Valid-data time of ACK condition
1
1
μs
SDA (out) low
Cb
I2C bus capacitive load
0
400
0
400
pF
(1)
Cb = total capacitance of one bus line in pF.
6.7 Oscillator Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted)
STANDARD
FAST MODE
MODE
I2C BUS
UNIT
I2C BUS
MIN
MAX
MIN
MAX
Oscillator start-up time from power-down or shutdown mode to fully on at
tOSC
5
5
ms
32 kHz
6.8 Switching Characteristics
over recommended operating free-air temperature range, CL ≤ 100 pF (unless otherwise noted)
STANDARD MODE
FAST MODE
FROM
TO
I2C BUS
I2C BUS
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
Output data valid
tpv
SCL
P port
400
400
ns
(in general-purpose output mode)
tps
Shutdown data valid
EN (low)
P port (high)
60
60
μs
tw
EN pulse duration
60
60
μs
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TCA6507


Numéro de pièce similaire - TCA6507PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6507PWG4 TI-TCA6507PWG4 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507PWG4 TI-TCA6507PWG4 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
More results

Description similaire - TCA6507PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
logo
Texas Instruments
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
139Kb / 12P
   Low Voltage I2C/SMBus Accelerator
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com