Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L293N Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce L293N
Description  Quadruple Half-H Drivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

L293N Fiches technique(HTML) 3 Page - Texas Instruments

  L293N Datasheet HTML 1Page - Texas Instruments L293N Datasheet HTML 2Page - Texas Instruments L293N Datasheet HTML 3Page - Texas Instruments L293N Datasheet HTML 4Page - Texas Instruments L293N Datasheet HTML 5Page - Texas Instruments L293N Datasheet HTML 6Page - Texas Instruments L293N Datasheet HTML 7Page - Texas Instruments L293N Datasheet HTML 8Page - Texas Instruments L293N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
HEAT SINK AND
GROUND
HEAT SINK AND
GROUND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1,2EN
1A
1Y
2Y
2A
VCC2
VCC1
4A
4Y
3Y
3A
3,4EN
L293, L293D
www.ti.com
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
5 Pin Configuration and Functions
NE Package
16-Pin PDIP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
1,2EN
1
I
Enable driver channels 1 and 2 (active high input)
<1:4>A
2, 7, 10, 15
I
Driver inputs, noninverting
<1:4>Y
3, 6, 11, 14
O
Driver outputs
3,4EN
9
I
Enable driver channels 3 and 4 (active high input)
Device ground and heat sink pin. Connect to printed-circuit-board ground plane with multiple
GROUND
4, 5, 12, 13
solid vias
VCC1
16
5-V supply for internal logic translation
VCC2
8
Power VCC for drivers 4.5 V to 36 V
Copyright © 1986–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: L293 L293D


Numéro de pièce similaire - L293N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
L293N TI-L293N Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293NE TI-L293NE Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
L293NE TI-L293NE Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293NEE4 TI-L293NEE4 Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
More results

Description similaire - L293N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
   QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
Texas Instruments
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com