Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS426L1 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce BTS426L1
Description  Smart Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS426L1 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  BTS426L1 Datasheet HTML 1Page - Infineon Technologies AG BTS426L1 Datasheet HTML 2Page - Infineon Technologies AG BTS426L1 Datasheet HTML 3Page - Infineon Technologies AG BTS426L1 Datasheet HTML 4Page - Infineon Technologies AG BTS426L1 Datasheet HTML 5Page - Infineon Technologies AG BTS426L1 Datasheet HTML 6Page - Infineon Technologies AG BTS426L1 Datasheet HTML 7Page - Infineon Technologies AG BTS426L1 Datasheet HTML 8Page - Infineon Technologies AG BTS426L1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BTS426L1
Semiconductor Group
3
2003-Oct-01
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 3 to 5)
IL = 2 A
Tj=25 °C:
Tj=150 °C:
RON
--
50
100
60
120
m
Nominal load current, ISO Norm (pin 3 to 5)
VON = 0.5 V, TC = 85 °C
IL(ISO)
5.8
7.0
--
A
Output current (pin 5) while GND disconnected or GND pulled
up, Vbb=30 V, VIN= 0, see diagram page 7
IL(GNDhigh)
--
--
10
mA
Turn-on time
IN
to 90% VOUT:
Turn-off time
IN
to 10% VOUT:
RL = 12
, Tj =-40...+150°C
ton
toff
80
80
200
230
400
450
µs
Slew rate on
10 to 30% VOUT, RL = 12
, Tj =-40...+150°C
dV /dton
0.1
--
1
V/
µs
Slew rate off
70 to 40% VOUT, RL = 12
, Tj =-40...+150°C
-dV/dtoff
0.1
--
1
V/
µs
Operating Parameters
Operating voltage6)
Tj =-40...+150°C: Vbb(on)
5.0
--
34
V
Undervoltage shutdown
Tj =-40...+150°C: Vbb(under)
3.5
--
5.0
V
Undervoltage restart
Tj =-40...+25°C:
Tj =+150°C:
Vbb(u rst)
--
--
5.0
7.0
V
Undervoltage restart of charge pump
see diagram page 12
Tj =-40...+150°C:
Vbb(ucp)
--
5.6
7.0
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.2
--
V
Overvoltage shutdown
Tj =-40...+150°C: Vbb(over)
34
--
43
V
Overvoltage restart
Tj =-40...+150°C: Vbb(o rst)
33
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C: ∆Vbb(over)
--
0.5
--
V
Overvoltage protection7)
Tj =-40...+150°C:
Ibb=40 mA
Vbb(AZ)
42
47
--
V
Standby current (pin 3)
VIN=0
Tj=-40...+25°C:
Tj= 150°C:
Ibb(off)
--
--
10
12
25
28
µA
Leakage output current (included in Ibb(off))
VIN=0
IL(off)
--
--
12
µA
Operating current (Pin 1)8), VIN=5 V, Tj =-40...+150°C
IGND
--
1.8
3.5
mA
6)
At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT ≈Vbb - 2 V
7)
See also VON(CL) in table of protection functions and circuit diagram page 7.
8
)
Add IST, if IST > 0, add IIN, if VIN>5.5 V


Numéro de pièce similaire - BTS426L1

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
logo
Infineon Technologies A...
BTS426L1 INFINEON-BTS426L1 Datasheet
459Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS426L1 INFINEON-BTS426L1_13 Datasheet
459Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
More results

Description similaire - BTS426L1

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com