Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACTQ827F Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54ACTQ827F
Description  Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ827F Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ827F Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ827F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACTQ827
Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE®
Outputs
General Description
The ’ACTQ827 10-bit bus buffer provides high performance
bus interface buffering for wide data/address paths or buses
carrying parity. The 10-bit buffers have NOR output enables
for maximum control flexibility. The ’ACTQ827 utilizes NSC
Quiet Series technology to guarantee quiet output switching
and improved dynamic threshold performance. FACT Quiet
Seriesfeature GTOoutput control and undershoot cor-
rector in addition to a split ground bus for superior perfor-
mance.
Features
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
n Improved latch-up immunity
n Outputs source/sink 24 mA
n Functionally and pin-compatible to AMD’s AM29827
n ’ACTQ827 has TTL-compatible inputs
n 4 kV minimum ESD immunity
n Standard Microcircuit Drawing (SMD) 5962-92199
Logic Symbols
Pin Names
Description
OE
1,OE2
Output Enable
D
0–D9
Data Inputs
O
0–O9
Data Outputs
Connection Diagrams
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
DS100249-1
IEEE/IEC
DS100249-2
Pin Assignment
for DIP and Flatpak
DS100249-3
Pin Assignment for LCC
DS100249-4
August 1998
© 1998 National Semiconductor Corporation
DS100249
www.national.com


Numéro de pièce similaire - 54ACTQ827F

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821F NSC-54ACTQ821F Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821L NSC-54ACTQ821L Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821SD NSC-54ACTQ821SD Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
More results

Description similaire - 54ACTQ827F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ240 NSC-54ACQ240 Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ827 FAIRCHILD-74ACTQ827_00 Datasheet
73Kb / 7P
   Quiet Series 10-Bit Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74FCT827B NSC-74FCT827B Datasheet
293Kb / 3P
   10-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACQ NSC-54ACQ Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ827 FAIRCHILD-74ACTQ827 Datasheet
63Kb / 7P
   Quiet Seriesa??10-Bit Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ16244 NSC-54ACTQ16244 Datasheet
74Kb / 6P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com